Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23EP09SC-1 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SL23EP09SC-1
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09SC-1 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SL23EP09SC-1 Datasheet HTML 5Page - Silicon Laboratories SL23EP09SC-1 Datasheet HTML 6Page - Silicon Laboratories SL23EP09SC-1 Datasheet HTML 7Page - Silicon Laboratories SL23EP09SC-1 Datasheet HTML 8Page - Silicon Laboratories SL23EP09SC-1 Datasheet HTML 9Page - Silicon Laboratories SL23EP09SC-1 Datasheet HTML 10Page - Silicon Laboratories SL23EP09SC-1 Datasheet HTML 11Page - Silicon Laboratories SL23EP09SC-1 Datasheet HTML 12Page - Silicon Laboratories SL23EP09SC-1 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Rev 2.0, May 12, 2008
Page 9 of 14
SL23EP09
AC Electrical Specifications (VDD=3.3V and 2.5V) (cont.)
Notes:
3. Typical jitter is measured at 3.3V or 2.5V, 30
°C with all outputs driven into the maximum specified load.
Symbol
Description
Condition
Min
Typ
Max
Unit
tPLLOCK
PLL Lock Time[9]
Time from 90% of VDD to valid clocks on all the
output clocks
1.0
ms
CCJ
Cycle-to-cycle Jitter
[2,3]
3.3V supply, >66 MHz, <15 pF, high drive
30
60
ps
3.3V supply, >66 MHz, <15 pF, standard drive
50
185
ps
2.5V supply, >66 MHz, <15 pF, high drive
70
150
ps
2.5V supply, >66 MHz, <15 pF, standard drive
100
250
ps
3.3V supply, >66 MHz, <30 pF, high drive
50
350
ps
3.3V supply, >66 MHz, <30 pF, standard drive
65
250
ps
2.5V supply, >66 MHz, <30 pF, high drive
75
430
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, high drive
15
40
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, standard drive
15
40
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, high drive
20
50
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, standard drive
20
50
ps
PPJ
[2,3]
Peak Period Jitter
3.3V supply, >100 MHz, <15 pF, standard drive
40
90
ps
3.3V supply, 66-100 MHz, <15 pF, standard
drive
50
95
ps
2.5V supply, 66-100 MHz, <15 pF, high drive
40
85
ps
2.5V supply, >66 MHz, <15 pF, standard drive
75
180
ps
2.5V supply, >100 MHz, <15 pF, high drive
15
45
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, standard drive
25
60
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, high drive
25
60
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, standard drive
40
80
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, high drive
40
80
ps


Similar Part No. - SL23EP09SC-1

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP09SC-1 SPECTRALINEAR-SL23EP09SC-1 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09SC-1H SPECTRALINEAR-SL23EP09SC-1H Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09SC-1HT SPECTRALINEAR-SL23EP09SC-1HT Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09SC-1T SPECTRALINEAR-SL23EP09SC-1T Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL23EP09SC-1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com