Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23EP09ZI-1HT Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SL23EP09ZI-1HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09ZI-1HT Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SL23EP09ZI-1HT Datasheet HTML 4Page - Silicon Laboratories SL23EP09ZI-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP09ZI-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP09ZI-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP09ZI-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP09ZI-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP09ZI-1HT Datasheet HTML 10Page - Silicon Laboratories SL23EP09ZI-1HT Datasheet HTML 11Page - Silicon Laboratories SL23EP09ZI-1HT Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Rev 2.0, May 12, 2008
Page 8 of 14
SL23EP09
AC Electrical Specifications (VDD=3.3V and 2.5V)
Notes:
1. For the given maximum loading conditions. See CL in Operating Conditions Table.
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.
Symbol
Description
Condition
Min
Typ
Max
Unit
FMAX
Maximum Frequency
(Input=Output )
[1]
3.3V High Drive
10
220
MHz
3.3V Standard Drive
10
200
MHz
2.5V High Drive
10
180
MHz
2.5V Standard Drive
10
167
MHz
INDC
Input Duty Cycle
<135 MHz, VDD=3.3V
25
75
%
<135 MHz, VDD=2.5V
40
60
%
OUTDC
Output Duty Cycle
<135 MHz, VDD=3.3V
[2]
45
55
%
<135 MHz, VDD=2.5V
40
60
%
tr/f3.3
Rise, Fall Time (3.3V)
(Measured at: 0.8 to 2.0V)
[2]
High drive, CL = 15 pF, <135 MHz
0.75
ns
Std drive, CL = 15 pF, <170 MHz
1.5
ns
High drive, CL = 22 pF, <135 MHz
1.2
ns
Std drive, CL = 22 pF, <135 MHz
1.6
ns
High drive, CL = 30 pF, <100 MHz
1.5
ns
Std drive, CL = 30 pF, >100 MHz
2.5
ns
tr/f2.5
Rise, Fall Time (2.5)
(Measured at: 0.6 to 1.8V)
[2]
High drive, CL = 15 pF, <135 MHz
1.5
ns
Std drive, CL = 15 pF, <135 MHz
2.5
ns
High drive, CL = 22 pF, <135 MHz
1.3
ns
High drive, CL = 30 pF, >100 MHz
2.5
ns
t1
Output-to-Output Skew [9]
(Measured at VDD/2)
All outputs CL=0, 3.3V supply, 2.5 power
supply, standard drive
45
100
ps
All outputs CL=0, 2.5V power supply, high
drive
110
ps
t2
Delay Time, CLKIN Rising
Edge to CLKOUT Rising
Edge
(Measured at VDD/2)
[2]
PLL Bypass mode
1.5
4.4
ns
PLL enabled @ 3.3V
–100
100
ps
PLL enabled @2.5V
–200
200
ps
t3
Part-to-Part Skew
[2]
(Measured at VDD/2)
Measured at VDD/2. Any output to any
output, 3.3V supply
±150
ps
Measured at VDD/2. Any output to any
output, 2.5V supply
±300
ps


Similar Part No. - SL23EP09ZI-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP09ZI-1HT SPECTRALINEAR-SL23EP09ZI-1HT Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL23EP09ZI-1HT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com