Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23EP08ZC-1HT Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SL23EP08ZC-1HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP08ZC-1HT Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SL23EP08ZC-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 10Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 11Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 12Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 13Page - Silicon Laboratories SL23EP08ZC-1HT Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Rev 1.0, May 18, 2006
Page 10 of 15
SL23EP08
AC Electrical Specifications: VDD=2.5V+/-10% and -40°C to +85°C Operation (Industrial Grade)
Symbol Description
Condition
Min
Typ
Max
Unit
FOUT-1
Output Frequency
CL=30pf, All devices
10
-
160
MHz
FOUT-2
Output Frequency
CL=20pF, -1H and -5H versions
10
-
220
MHz
FOUT-2
Output Frequency
CL=15pF, -1,-2,-3 and -4 versions
10
-
200
MHz
DC-1
Duty Cycle. -1, -2, -3,-4,-1H
and -5H versions
CL=30pF, FOUT=66.6MHz and Measured
at VDD/2
40.0
50.0
60.0
%
DC-2
Duty Cycle, -1, -2, -3,-4,-1H
and -5H versions
CL=15pF, FOUT<66.6MHz and Measured
at VDD/2
45.0
50.0
55.0
%
DC-1
Duty Cycle. -1, -2, -3,-4,-1H
and -5H versions
CL=30pF, FOUT=120MHz and Measured
at VDD/2
TBD
TBD
TBD
%
DC-2
Duty Cycle. -1, -2, -3,-4,-1H
and -5H versions
CL=15pF, FOUT=120MHz and Measured
at VDD/2
TBD
TBD
TBD
%
tr/f-1
Rise and Fall Times. -1, -2, -
3, and -4 versions
Measured between 0.8V and 2.0V
CL=30pF
-
-
1.6
ns
tr/f-2
Rise and Fall Times. -1, -2, -
3, and -4 versions
Measured between 0.8V and 2.0V
CL=15pF
-
-
1.2
ns
tr/f-3
Rise and Fall Times. -1,1H
and -5H versions
Measured between 0.8V and 2.0V
CL=30pF
-
-
1.2
ns
tr/f-3
Rise and Fall Times. -1H and
-5H versions
Measured between 0.8V and 2.0V
CL=15pF
-
-
1.0
ns
SKW-1
Output-to-Output on same
bank A or B. All versions
All outputs are equally loaded. Measured
at VDD/2
-
60
150
ps
SKW-2
Output Bank-A to Bank-B
Skew. -1-4 and -5H
versions
All outputs are equally loaded. Measured
at VDD/2
-
60
150
ps
SKW-3
Output Bank-A to Bank-B
Skew. -1-4 and -5H
versions
All outputs are equally loaded. Measured
at VDD/2
-
130
300
ps
SKW-4
Device-to-Device Skew.
All versions
All outputs are equally loaded. Measured
at VDD/2
-
180
500
ps
tCFD
CLKIN to FBK Rising Edge
Delay
All outputs are equally loaded. Measured
at VDD/2
-200
-
200
ps
t2
Delay Time, CLKIN Rising
Edge to CLKOUT Rising
Edge
(Measured at VDD/2)
[2]
PLL Bypass mode
1.5
4.4
ns
PLL enabled @ 3.3V
–100
100
ps
PLL enabled @2.5V
–200
200
ps
t3
Part-to-Part Skew
(Measured at VDD/2)
Measured at VDD/2. Any output to any
output, 3.3V supply
±150
ps
Measured at VDD/2. Any output to any
output, 2.5V supply
±300
ps
tLOCK
PLL Lock Time
Valid on all clock pins from VDD=2.97V
-
-
1.0
ms


Similar Part No. - SL23EP08ZC-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP08ZC-1HT SPECTRALINEAR-SL23EP08ZC-1HT Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL23EP08ZC-1HT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com