Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK00338RTAR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LMK00338RTAR
Description  8-Output Differential Clock Buffer/Level Translator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK00338RTAR Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMK00338RTAR Datasheet HTML 20Page - Texas Instruments LMK00338RTAR Datasheet HTML 21Page - Texas Instruments LMK00338RTAR Datasheet HTML 22Page - Texas Instruments LMK00338RTAR Datasheet HTML 23Page - Texas Instruments LMK00338RTAR Datasheet HTML 24Page - Texas Instruments LMK00338RTAR Datasheet HTML 25Page - Texas Instruments LMK00338RTAR Datasheet HTML 26Page - Texas Instruments LMK00338RTAR Datasheet HTML 27Page - Texas Instruments LMK00338RTAR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
0.2 mm,
typ
1.2 mm,
typ
4.6 mm, min
LMK00338
SNAS636A – DECEMBER 2013 – REVISED OCTOBER 2014
www.ti.com
11.3 Thermal Management
Power dissipation in the LMK00338 device can be high enough to require attention to thermal management. For
reliability and performance reasons the die temperature should be limited to a maximum of 125 °C. That is, as an
estimate, TA (ambient temperature) plus device power dissipation times RθJA should not exceed 125 °C.
The package of the device has an exposed pad that provides the primary heat removal path as well as excellent
electrical grounding to the printed circuit board. To maximize the removal of heat from the package a thermal
land pattern including multiple vias to a ground plane must be incorporated on the PCB within the footprint of the
package. The exposed pad must be soldered down to ensure adequate heat conduction out of the package.
A recommended land and via pattern is shown in Figure 25. More information on soldering WQFN packages can
be obtained at: http://www.ti.com/packaging.
Figure 25. Recommended Land and Via Pattern
To minimize junction temperature it is recommended that a simple heat sink be built into the PCB (if the ground
plane layer is not exposed). This is done by including a copper area of about 2 square inches on the opposite
side of the PCB from the device. This copper area may be plated or solder coated to prevent corrosion but
should not have conformal coating (if possible), which could provide thermal insulation. The vias shown in
Figure 25 should connect these top and bottom copper layers and to the ground layer. These vias act as “heat
pipes” to carry the thermal energy away from the device side of the board to where it can be more effectively
dissipated.
24
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LMK00338


Similar Part No. - LMK00338RTAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00338RTAR TI1-LMK00338RTAR Datasheet
1Mb / 25P
[Old version datasheet]   LMK00338 8-Output Differential Clock Buffer/Level Translator
More results

Similar Description - LMK00338RTAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00338 TI1-LMK00338 Datasheet
1Mb / 25P
[Old version datasheet]   LMK00338 8-Output Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 8-Output Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 4-Output Differential Clock Buffer/Level Translator
LMK00306 TI1-LMK00306 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_13 Datasheet
2Mb / 35P
[Old version datasheet]   LMK00301 3-GHz 10-Output Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308_16 Datasheet
2Mb / 42P
[Old version datasheet]   3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_17 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 10-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 4-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301 Datasheet
1Mb / 26P
[Old version datasheet]   3-GHz, 10-Output Differential Fanout Buffer / Level Translator
November 1, 2011
LMK00306 TI1-LMK00306_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 6-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com