Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23EP05BSI-1HT Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SL23EP05BSI-1HT
Description  LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP05BSI-1HT Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SL23EP05BSI-1HT Datasheet HTML 2Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 3Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 4Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SL23EP05
6
Rev. 2.2
Table 4. AC Electrical Specifications (VDD = 3.3 V and 2.5 V)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
PLL Lock Time[9]
tPLLOCK From 90% of VDD to valid clocks presented
on all output clock pins
1.0
ms
Cycle-to-cycle Jitter
CCJ *
3.3 V supply, >66 MHz, <15 pF,
Standard Drive
50
125
ps
3.3 V supply, >66 MHz, <30 pF,
High Drive
70
140
ps
3.3 V supply, >66 MHz, <30 pF,
Standard Drive
80
170
ps
2.5 V supply, >66 MHz, <15 pF,
High Drive
50
80
ps
2.5 V supply, >66 MHz, <15 pF,
Standard Drive
90
200
ps
2.5 V supply, >66 MHz, <30 pF,
High Drive
100
250
ps
Peak Period Jitter
PPJ *
3.3 V supply, >100 MHz, <15 pF,
Standard Drive
—30
65
ps
3.3 V supply, 66–100 MHz, <15 pF,
Standard Drive
—40
75
ps
3.3 V supply, >66 MHz, <30 pF,
High Drive
60
120
ps
3.3 V supply, >66 MHz, <30 pF,
Standard Drive
70
150
ps
2.5 V supply, > 100 MHz, <15 pF,
High Drive
20
45
ps
2.5 V supply, 66–100 MHz, <15 pF,
High Drive
20
60
ps
2.5 V supply, >66 MHz, <15 pF,
Standard Drive
60
120
ps
*Note: Typical jitter is measured at 3.3 V or 2.5 V, 30ºC with all outputs driven into the maximum specified load.


Similar Part No. - SL23EP05BSI-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1 SPECTRALINEAR-SL23EP05SC-1 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1H SPECTRALINEAR-SL23EP05SC-1H Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1HT SPECTRALINEAR-SL23EP05SC-1HT Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1T SPECTRALINEAR-SL23EP05SC-1T Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL23EP05BSI-1HT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com