Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI88241ED-IS Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI88241ED-IS
Description  QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI88241ED-IS Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI88241ED-IS Datasheet HTML 3Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 4Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 5Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 6Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 7Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 8Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 9Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 10Page - Silicon Laboratories SI88241ED-IS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Si88x4x
Preliminary Rev. 0.6
7
Si88x43
VDDA
VDDB
VDDA
VDDB
All inputs = 0
All inputs = 0
All inputs = 1
All inputs = 1
8.5
9.3
6.5
3.9
mA
Si88x44
VDDA
VDDB
VDDA
VDDB
All inputs = 0
All inputs = 0
All inputs = 1
All inputs = 1
6.6
10.6
6.5
3.6
mA
1 Mbps, VDDx = 3.3 V ± 10% (All Inputs = 500 kHz Square Wave, CLOAD =15pF)
Si88x40
VDDA
VDDB
8.9
5.4
mA
Si88x41
VDDA
VDDB
8.3
6.0
mA
Si88x42
VDDA
VDDB
7.9
6.1
mA
Si88x43
VDDA
VDDB
7.6
6.7
mA
Si88x44
VDDA
VDDB
6.7
7.1
mA
100 Mbps, VDDx = 3.3 V ± 10% (All Inputs = 50 MHz Square Wave, CLOAD = 15 pF)
Si88x40
VDDA
VDDB
8.7
19.2
mA
Table 2. Electrical Characteristics1 (Continued)
VIN =24 V; VDDA = 4.3 V (see Figure 3) for all Si8844x/64x; VDDA =VDDP = 3.0 to 5.5 V (see Figure 2) for all Si8824x/34x;
TA = –40 to 125 °C unless otherwise noted
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Over recommended operating conditions as noted in Table 1.
2. VOUT = VSNS x (1 + R1/R2) + R1 x Ioffset
3. VDDP current needed for dc-dc circuits.
4. VDDA current needed for dc-dc circuits.
5. The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
6. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
7. Start-up time is the time period from when the UVLO threshold is exceeded to valid data at the output.


Similar Part No. - SI88241ED-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI88241ED-IS SILABS-SI88241ED-IS Datasheet
220Kb / 7P
   installed on the evaluation board
logo
Skyworks Solutions Inc.
SI88241ED-IS SKYWORKS-SI88241ED-IS Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
More results

Similar Description - SI88241ED-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
SI88X2X SKYWORKS-SI88X2X Datasheet
1Mb / 48P
   Dual Digital Isolators with DC-DC Converter
Rev. 1.04
logo
Silicon Laboratories
SI88620ED-IS SILABS-SI88620ED-IS Datasheet
768Kb / 45P
   DUAL DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com