Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK00338 Datasheet(PDF) 19 Page - Texas Instruments

Part # LMK00338
Description  8-Output Differential Clock Buffer/Level Translator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK00338 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMK00338_14 Datasheet HTML 15Page - Texas Instruments LMK00338_14 Datasheet HTML 16Page - Texas Instruments LMK00338_14 Datasheet HTML 17Page - Texas Instruments LMK00338_14 Datasheet HTML 18Page - Texas Instruments LMK00338_14 Datasheet HTML 19Page - Texas Instruments LMK00338_14 Datasheet HTML 20Page - Texas Instruments LMK00338_14 Datasheet HTML 21Page - Texas Instruments LMK00338_14 Datasheet HTML 22Page - Texas Instruments LMK00338_14 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
LMK00338
www.ti.com
SNAS636A – DECEMBER 2013 – REVISED OCTOBER 2014
Typical Applications (continued)
9.2.2.3 Termination for AC Coupled Differential Operation
AC coupling allows for shifting the DC bias level (common mode voltage) when driving different receiver
standards. Since AC coupling prevents the driver from providing a DC bias voltage at the receiver, it is important
to ensure the receiver is biased to its ideal DC level.
9.2.3 Application Curves
Figure 21. LVPECL Phase Noise @ 100 MHz
Figure 22. HCSL Phase Noise @ 100 MHz
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMK00338


Similar Part No. - LMK00338_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00338RTAR TI1-LMK00338RTAR Datasheet
1Mb / 25P
[Old version datasheet]   LMK00338 8-Output Differential Clock Buffer/Level Translator
LMK00338RTAT TI1-LMK00338RTAT Datasheet
1Mb / 25P
[Old version datasheet]   LMK00338 8-Output Differential Clock Buffer/Level Translator
More results

Similar Description - LMK00338_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00338 TI1-LMK00338 Datasheet
1Mb / 25P
[Old version datasheet]   LMK00338 8-Output Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 8-Output Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 4-Output Differential Clock Buffer/Level Translator
LMK00306 TI1-LMK00306 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_13 Datasheet
2Mb / 35P
[Old version datasheet]   LMK00301 3-GHz 10-Output Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308_16 Datasheet
2Mb / 42P
[Old version datasheet]   3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_17 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 10-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 4-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301 Datasheet
1Mb / 26P
[Old version datasheet]   3-GHz, 10-Output Differential Fanout Buffer / Level Translator
November 1, 2011
LMK00306 TI1-LMK00306_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 6-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com