Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCVF2310PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310PWR
Description  High-Performance Clock Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCVF2310PWR Datasheet HTML 4Page - Texas Instruments CDCVF2310PWR Datasheet HTML 5Page - Texas Instruments CDCVF2310PWR Datasheet HTML 6Page - Texas Instruments CDCVF2310PWR Datasheet HTML 7Page - Texas Instruments CDCVF2310PWR Datasheet HTML 8Page - Texas Instruments CDCVF2310PWR Datasheet HTML 9Page - Texas Instruments CDCVF2310PWR Datasheet HTML 10Page - Texas Instruments CDCVF2310PWR Datasheet HTML 11Page - Texas Instruments CDCVF2310PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
50% VDD
50% VDD
CLK
Yn
tPLH
tPHL
VDD
0 V
VOL
VOH
50% VDD
50% VDD
VDD
0 V
VOL
VOH
VOL
VOH
CLK
Any Y
Any Y
tsk(o)
tsk(o)
1.7 V or 2 V
0.4 V
0.4 V
tPLH
tPHL
50% VDD
50% VDD
VDD
0 V
VOH
VOL
tr
tf
CLK
Yn
500
CL = 25 pF on Yn
From Output
Under Test
CDCVF2310
SCAS666D – JUNE 2001 – REVISED OCTOBER 2015
www.ti.com
7 Parameter Measurement Information
A.
CL includes probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 200 MHz, ZO = 50 Ω,
tr < 1.2 ns, tf < 1.2 ns.
Figure 2. Test Load Circuit
Figure 3. Voltage Waveforms Propagation Delay Times
Figure 4. Output Skew
NOTE: tsk(p) = | tPLH – tPHL |
Figure 5. Pulse Skew
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: CDCVF2310


Similar Part No. - CDCVF2310PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2310PWR TI-CDCVF2310PWR Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310PWRG4 TI-CDCVF2310PWRG4 Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
More results

Similar Description - CDCVF2310PWR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
   High-performance fanout buffer clock and fanout buffer
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
IDT5V2310 IDT-IDT5V2310 Datasheet
57Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Texas Instruments
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305_10 Datasheet
71Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
logo
Renesas Technology Corp
5V2305S RENESAS-5V2305S Datasheet
317Kb / 11P
   High-Performance 1 to 5 Clock Buffer
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com