Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI88340ED-IS Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI88340ED-IS
Description  QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI88340ED-IS Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI88340ED-IS Datasheet HTML 5Page - Silicon Laboratories SI88340ED-IS Datasheet HTML 6Page - Silicon Laboratories SI88340ED-IS Datasheet HTML 7Page - Silicon Laboratories SI88340ED-IS Datasheet HTML 8Page - Silicon Laboratories SI88340ED-IS Datasheet HTML 9Page - Silicon Laboratories SI88340ED-IS Datasheet HTML 10Page - Silicon Laboratories SI88340ED-IS Datasheet HTML 11Page - Silicon Laboratories SI88340ED-IS Datasheet HTML 12Page - Silicon Laboratories SI88340ED-IS Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Si88x4x
Preliminary Rev. 0.6
9
DC, VDDx = 5 V ± 10%
Si88x40
VDDA
VDDB
VDDA
VDDB
All inputs = 0
All inputs = 0
All inputs = 1
All inputs = 1
13.1
5.6
5.2
5.4
mA
Si88x41
VDDA
VDDB
VDDA
VDDB
All inputs = 0
All inputs = 0
All inputs = 1
All inputs = 1
11.1
6.9
5.7
5.2
mA
Si88x42
VDDA
VDDB
VDDA
VDDB
All inputs = 0
All inputs = 0
All inputs = 1
All inputs = 1
10.1
7.9
6.2
4.4
mA
Si88x43
VDDA
VDDB
VDDA
VDDB
All inputs = 0
All inputs = 0
All inputs = 1
All inputs = 1
8.6
9.2
6.6
3.9
mA
Si88x44
VDDA
VDDB
VDDA
VDDB
All inputs = 0
All inputs = 0
All inputs = 1
All inputs = 1
6.8
11.0
6.7
3.8
mA
1 Mbps, VDDx = 5 V ± 10% (All Inputs = 500 kHz Square Wave, CLOAD =15pF)
Si88x40
VDDA
VDDB
9.1
5.8
mA
Table 2. Electrical Characteristics1 (Continued)
VIN =24 V; VDDA = 4.3 V (see Figure 3) for all Si8844x/64x; VDDA =VDDP = 3.0 to 5.5 V (see Figure 2) for all Si8824x/34x;
TA = –40 to 125 °C unless otherwise noted
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Over recommended operating conditions as noted in Table 1.
2. VOUT = VSNS x (1 + R1/R2) + R1 x Ioffset
3. VDDP current needed for dc-dc circuits.
4. VDDA current needed for dc-dc circuits.
5. The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
6. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
7. Start-up time is the time period from when the UVLO threshold is exceeded to valid data at the output.


Similar Part No. - SI88340ED-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI88340ED-IS SKYWORKS-SI88340ED-IS Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
More results

Similar Description - SI88340ED-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
SI88X2X SKYWORKS-SI88X2X Datasheet
1Mb / 48P
   Dual Digital Isolators with DC-DC Converter
Rev. 1.04
logo
Silicon Laboratories
SI88620ED-IS SILABS-SI88620ED-IS Datasheet
768Kb / 45P
   DUAL DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com