Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI82390AD-IS Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI82390AD-IS
Description  4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI82390AD-IS Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI82390AD-IS Datasheet HTML 3Page - Silicon Laboratories SI82390AD-IS Datasheet HTML 4Page - Silicon Laboratories SI82390AD-IS Datasheet HTML 5Page - Silicon Laboratories SI82390AD-IS Datasheet HTML 6Page - Silicon Laboratories SI82390AD-IS Datasheet HTML 7Page - Silicon Laboratories SI82390AD-IS Datasheet HTML 8Page - Silicon Laboratories SI82390AD-IS Datasheet HTML 9Page - Silicon Laboratories SI82390AD-IS Datasheet HTML 10Page - Silicon Laboratories SI82390AD-IS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
2.2.1 Device Behavior
The following are truth tables for the Si8239x families.
Table 2.1. Si82390/1 Dual Drivers Enhanced UVLO and Status
VIA
VIB
EN1
VDDI
VDDA
VDDB
VOA
VOB
RDY
Notes
H
L
H
P2
P
P
H
L
H
L
H
H
P
P
P
L
H
H
H
H
H
P
P
P
H
H
H
L
L
H
P
P
P
L
L
H
X
X
L/NC
P
P
P
L
L
H
Device disabled
X
X
X
UP2
P
P
L
L
UD3
Fail-safe output when
VDDI unpowered
X
X
H
P
P
UP
L
UD
L
VOA, VOB are actively
driven low if either
VDDA or VDDB is UP
X
X
H
P
UP
P
UD
L
L
Note:
1. The EN pin needs to be pulled down with a 100 kΩ resistor externally to GND.
2. The chip can be powered through the VIA,VIB input ESD diodes even if VDDI is unpowered. It is recommended that inputs be left
unpowered when VDDI is unpowered. The EN pin has a special ESD circuit that prevents the IC from powering up through the
EN pin.
3. UD = undetermined if same side power is UP.
Table 2.2. Si82395/6 Dual Drivers with UVLO Status
VIA
VIB
EN1
VDDI
VDDA
VDDB
VOA
VOB
RDY
Notes
H
L
H
P
P
P
H
L
H
L
H
H
P
P
P
L
H
H
H
H
H
P
P
P
H
H
H
L
L
H
P
P
P
L
L
H
X
X
L/NC
P
P
P
L
L
H
Device disabled
X
X
X
UP2
P
P
L
L
UD3
Fail-safe output when
VDDI unpowered
H
X
H
P
P
UP
H
UD
L
VOA depends on
VDDA state
L
X
H
P
P
UP
L
UD
L
X
H
H
P
UP
P
UD
H
L
VOB depends on
VDDB state
X
L
H
P
UP
P
UD
L
L
Note:
1. The EN pin needs to be pulled down with a 100 kΩ resistor externally to GND.
2. The chip can be powered through the VIA,VIB input ESD diodes even if VDDI is unpowered. It is recommended that inputs be left
unpowered when VDDI is unpowered. The EN pin has a special ESD circuit that prevents the IC from powering up through the
EN pin.
3. UD = undetermined if same side power is UP.
Si8239x Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.9 | 6


Similar Part No. - SI82390AD-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si82390AD-IS SILABS-Si82390AD-IS Datasheet
1Mb / 38P
   Enhanced output UVLO safety
logo
Skyworks Solutions Inc.
SI82390AD-IS SKYWORKS-SI82390AD-IS Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
SI82390AD-IS3 SKYWORKS-SI82390AD-IS3 Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results

Similar Description - SI82390AD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8285 SKYWORKS-SI8285 Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
logo
Skyworks Solutions Inc.
SI8252X SKYWORKS-SI8252X Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI823HX SKYWORKS-SI823HX Datasheet
1Mb / 50P
   4.0 A Symmetric Drive ISODrivers with Low Propagation Delay and High Transient Immunity
Revision 0.33
logo
Silicon Laboratories
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com