Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208V1FRGZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 1 Page - Texas Instruments

  CDCM6208V1FRGZR Datasheet HTML 1Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 2Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 3Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 4Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 5Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 6Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 7Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 8Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
CDCM6208
Synthesizer
Mode
TMS320TCI6616/18
DSP
AIF
ALT
CORE
SRIO
PCIe
Packet
Accel
DR
Base Band DSP
Clocking
Pico Cell Clocking
DPLL
CDCM6208
APLL
GPS receiver
IEEE1588
timing extract
Ethernet
SyncE
Et
he
rne
t
Timing
1pps
1pps
Core
Packet
network
FBADC
RXADC
TXDAC
RF LO
RF LO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CDCM6208V1F
SCAS943 – MAY 2015
CDCM6208V1F 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
1 Features
2 Applications
1
Superior Performance with Low Power:
Base Band Clocking (Wireless Infrastructure)
Networking and Data Communications
Low Noise Synthesizer (265 fs-rms Typical
Jitter) or Low Noise Jitter Cleaner (1.6 ps-rms
Keystone C66x Multicore DSP Clocking
Typical Jitter)
Storage Server, Portable Test Equipment,
0.5 W Typical Power Consumption
Medical Imaging, High End A/V
High Channel-to-Channel Isolation and
Excellent PSRR
3 Description
Device Performance Customizable Through
The CDCM6208V1F is a highly versatile, low jitter,
low-power frequency synthesizer that can generate
Flexible 1.8 V, 2.5 V and 3.3 V Power
eight low jitter clock outputs, selectable between
Supplies, Allowing Mixed Output Voltages
LVPECL-like high-swing CML, normal-swing CML,
Flexible Frequency Planning:
LVDS-like low-power CML, HCSL, or LVCMOS, from
4x Integer Down-divided Differential Clock
one of two inputs that can feature a low frequency
Outputs Supporting LVPECL-like, CML, or
crystal or CML, LVPECL, LVDS, or LVCMOS signals
LVDS-like Signaling
for a variety of wireless infrastructure baseband,
wireline data communication, computing, low power
4x Fractional or Integer Divided Differential
medical imaging and portable test and measurement
Clock Outputs Supporting HCSL, LVDS-like
applications. The CDCM6208V1F also features an
Signaling, or Eight CMOS Outputs
innovative fractional divider architecture for four of its
Fractional Output Divider Achieve 0 ppm to < 1
outputs that can generate any frequency with better
ppm Frequency Error and Eliminates need for
than 1ppm frequency accuracy. The CDCM6208V1F
Crystal Oscillators and Other Clock Generators
can
be
easily
configured
through
I2C
or
SPI
programming interface and in the absence of serial
Output frequencies up to 800 MHz
interface, pin mode is also available that can set the
Two Differential Inputs, XTAL Support, Ability for
device
in
1
of
32
distinct
pre-programmed
Smart Switching
configurations using control pins.
SPI, I2C™, and Pin Programmable
Device Information(1)
Professional user GUI for Quick Design
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Turnaround
CDCM6208V1F
VQFN (48)
7.00 mm × 7.00 mm
7 x 7 mm 48-QFN package (RGZ)
(1) For all available packages, see the orderable addendum at
-40 °C to 85 °C temperature range
the end of the datasheet.
4 Simplified Schematics
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn