Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208V1FRGZR Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 77 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 73Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 74Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 75Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 76Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 77Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 78Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 79Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 80Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
01
CDCM6208 Reference Schematic
December, 2011
Title
Rev
Date:
Sheet
of
C1
R86
49.9
C296
1uF
R_SEC_PDN
R73
DNI
R_PRI_PUP
C28
4pF
C297
1uF
C2
R83
49.9
R84
49.9
R72
DNI
R89
0.0
R85
49.9
R_SEC_PUP
R_PRI_PDN
C27
4pF
C_PRI_N
1uF
C29
1uF
C_PRI_P
1uF
R87
0.0
C30
1uF
R2
Y1
NX3225GA
1
1
GND1
2
3
3
GND0
4
25MHz
VDD_SEC_IN
CLKIN_SECP
CLKIN_SECN
VDD_PRI_IN
CLKIN_PRIP
CLKIN_PRIN
PRI_REFP
PRI_REFN
SEC_REFP
SEC_REFN
ELF
PRIMARY REFERENCE INPUT
SECONDARY REFERENCE INPUT
Loop Filter
Examples:
LOOP FILTER
Synthesizer mode (high loop bandwidth)
CDCM6208V1:
With C1=100pF, R2=500Ö, C2=22nF and
Internal components R3=100Ö, C3=242.5pF,
fPFD=25MHz, and ICP=2.5mA:
Loop bandwidth ~ (300kHz)
CDCM6208V2:
With C1=470pF, R2=560Ö, C2=100nF and
Internal components R3=100Ö, C3=242.5pF,
fPFD=30.72MHz, and ICP=2.5mA:
Loop bandwidth ~ (300kHz)
Jitter cleaner mode (low loop bandwidth):
CDCM6208V1:
With C1=4.7éF, R2=145Ö, C2=47éF and
Internal components R3=4.01kÖ, C3=662.5pF,
fPFD=40kHz, and ICP=500éA:
Loop bandwidth ~ (40Hz)
CDCM6208V2:
With C1=5éF, R2=100Ö, C2=100éF and
Internal components R3=4.01kÖ, C3=662.5pF,
fPFD=80kHz, and ICP=500éA:
Loop bandwidth ~ (100Hz)
2
3
The following input biasing is recommended:
AC coupled differential signals with VDD_PRI/SEC=2.5/3.3V:
select Reg4[7:6]=01 and/or Reg4[4:3]=01 (LVDS),
target VBIAS=1.2V, therefore
set R_PRI_PUP=5.5k, RPRI_PDN=3.14k
DC coupled LVDS signals with VDD_PRI/SEC=2.5/3.3V:
select Reg4[7:6]=01 and/or Reg4[4:3]=01 (LVDS),
R_PRI_PUP=5.5k, RPRI_PDN=3.14k
replace C_PRI_P=C_PRI_N=0Ö
DC coupled 3.3V CMOS signals:
Connect VDD_SEC_IN=3.3V,
select Reg4[7:6]=10 and/or Reg4[4:3]=10 (CMOS),
R83,R84,R85, & R86=DNI, replace C_PRI_P=C_PRI_N=0Ö
for VDD_PRI/SEC=1.8V:
target VBIAS=0.9V, therefore
set R_PRI_PUP=5.5k, RPRI_PDN=5.5k
for VDD_PRI/SEC=1.8V:
R_PRI_PUP=5.5k, RPRI_PDN=3.14k
for 1.8V CMOS signals:
Connect VDD_SEC_IN=1.8V:
DC coupled CML only (VDD_PRI/6(&YROWDJHLVGRQ¬WFDUH):
select Reg4[7:6]=00 and/or Reg4[4:3]=00 (CML),
set R_PRI_PUP=0Ö, RPRI_PDN=DNI,
Replace CPRI_P=0Ö, C_PRI_N=0Ö
Use of Crystal on secondary reference input (VDD_SEC_,1YROWDJHLVGRQ¬WFDUH):
select Reg4[7:6]=11 (XTAL),
set R87=DNI, R89=DNI, R72=0Ö, R73=0Ö
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
Figure 62. Schematic Page 2
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
77
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com