Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208V1FRGZR Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 62 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 58Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 59Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 60Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 61Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 62Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 63Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 64Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 65Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 87 page
background image
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
all outputs in reset so that the CDCM6208V1F generates no spurious clock signals.
11.2.1.10 Reference Divider (R)
The reference (R) divider is a continuous 4-b counter (1 – 16) that is present on the primary input before the
Smart Input MUX. It is operational in the frequency range of 8 kHz to 250 MHz. The output of the R divider sets
the input frequency for the Smart MUX, and the auto switch capability of the Smart MUX can then be employed
as long as the secondary input frequency is no more than ± 20% different from the output of the R divider.
11.2.1.11 Input Divider (M)
The input (M) divider is a continuous 14-b counter (1 – 16384) that is present after the Smart Input MUX. It is
operational in the frequency range of 8 kHz to 250 MHz. The output of the M divider sets the PFD frequency to
the PLL and should be in the range of 8 kHz to 100 MHz.
11.2.1.12 Feedback Divider (N)
The feedback (N) divider is made up of cascaded 8-b counter divider (1 – 256) followed by a 10-b counter divider
(1 – 1024) that are present on the feedback path of the PLL. It is operational in the frequency range of 8 kHz to
800 MHz. The output of the N divider sets the PFD frequency to the PLL and should be in the range of 8 kHz to
100 MHz. The frequency out of the first divider is required to be less than or equal to 200 MHz to ensure proper
operation.
11.2.1.13 Prescaler Dividers (PS_A, PS_B)
The prescaler (PS) dividers are fed by the output of the VCO and are distributed to the output dividers (PS_A to
the dividers for Outputs 0, 1, 4, and 5 and PS_B to the dividers for Outputs 2, 3, 6, and 7. PS_A also completes
the PLL as it also drives the input of the Feedback Divider (N).
11.2.1.14 Phase Frequency Detector (PFD)
The PFD takes inputs from the Smart Input MUX output and the feedback divider output and produces an output
that is dependent on the phase and frequency difference between the two inputs. The allowable range of
frequencies at the inputs of the PFD is from 8 kHz to 100 MHz.
11.2.1.15 Charge Pump (CP)
The charge pump is controlled by the PFD which dictates either to pump up or down in order to charge or
discharge the integrating section of the on-chip loop filter. The integrated and filtered charge pump current is then
converted to a voltage that drives the control voltage node of the internal VCO through the loop filter. The range
of the charge pump current is from 500 µA to 4 mA.
11.2.1.16 Programmable Loop Filter
The on-chip PLL supports a partially internal and partially external loop filter configuration for all PLL loop
bandwidths where the passive external components C1, C2, and R2 are connected to the ELF pin as shown in
Figure 46 to achieve PLL loop bandwidths from 400 kHz down to 10 Hz.
62
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com