Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208V1FRGZR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 48 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 44Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 45Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 46Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 47Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 48Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 49Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 50Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 51Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
Table 21. Register 10 (continued)
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
13
RESERVED
This bit must be set to 0
12
RESERVED
This bit must be set to 0
Output channel 4 8-b integer divider setting
11:4
OUTDIV4[7:0]
(Divider value is register value +1)
Output Channel 4
3:0
FRACDIV4[19:16]
Output channel 4 20-b fractional divider setting, bits 19 - 16
Table 22. Register 11
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15:0
FRACDIV4[15:0]
Output Channel 4
Output channel 4 20-b fractional divider setting, bits 15 - 0
Table 23. Register 12
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15
RESERVED
This bit must be set to 0
Output MUX setting for output channel 5:
00 and 11
→ PLL
14:13
OUTMUX_CH5[1:0]
01
→ Primary input
10
→ Secondary input
Output channel 5 fractional divider's 3-b pre-divider setting (this pre-
divider is bypassed if Q12.9 = 0)
000
→ Divide by 2
12:10
PRE_DIV_CH5[2:0]
001
→ Divide by 3
111
→ Divide by 1
All other combinations reserved
Output channel 5 fractional divider enable:
9
EN_FRACDIV_CH5
0
→ Disable
1
→ Enable
Output channel 5 LVCMOS output slew:
8
LVCMOS_SLEW_CH5
0
→ Normal
1
→ Slow
Output channel 5 negative-side LVCMOS enable:
0
→ Disable
7
EN_LVCMOS_N_CH5
Output Channel 5
1
→ Enable (Negative side can only be enabled if positive side is
enabled)
Output channel 5 positive-side LVCMOS enable:
6
EN_LVCMOS_P_CH5
0
→ Disable
1
→ Enable
5
RESERVED
This bit must be set to 0
Output channel 5 type selection:
00 or 01
→ LVDS
4:3
SEL_DRVR_CH5[2:0]
10
→ LVCMOS
11
→ HCSL
Output channel 5 enable:
00
→ Disable
2:1
EN_CH5[1:0]
01
→ Enable
10
→ Drive static 0
11
→ Drive static 1
Output channel 5Supply Voltage Selection:
0
SUPPLY_CH5 (1)
0
→ 1.8 V
1
→ 2.5/3.3 V
(1)
It is ok to power up the device with a 2.5 V/3.3 V supply while this bit is set to 0 and to update this bit thereafter.
Table 24. Register 13
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15
RESERVED
This bit must be set to 0
14
RESERVED
This bit must be set to 0
48
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com