Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208V1FRGZR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part No. CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 29 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 25Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 26Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 27Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 28Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 29Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 30Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 31Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 32Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
10.3 Feature Description
Phase Noise: The Phase Noise performance of the device can be summarized to:
Table 2. Synthesizer Mode (Loop filter BW >250 kHz)
RANDOM JITTER (ALL OUTPUTS)
TOTAL JITTER
TYPICAL
MAXIMUM
MAXIMUM
Integer divider
Fractional divider
10k-20MHz
12k-20MHz
10k-100MHz
DJ-unbound
DJ 10k-40MHz
RJ 10k-20MHz
RJ 10k-20MHz
0.27 ps-rms (Integer division)
50-220 ps-pp,
0.3 ps-rms (int div)(1)
0.625 ps-rms (int div)
20 ps-pp (2)
0.7ps-rms (fractional div)
see Figure 4
(1)
Integrated Phase Noise (12kHz - 20 MHz) for 156.25 MHz output clock measured at room temperature using a 25 MHz Low Noise
reference source
(2)
TJ = 20 pspp applies for LVPECL, CML, and LVDS signaling. TJ lab characterization measured 8 pspp, (typical) and 12 pspp (max) over
PVT.
Table 3. Jitter Cleaner Mode (Loop filter BW < 1 kHz)
RANDOM JITTER (ALL OUTPUTS)
TOTAL JITTER
TYPICAL
MAXIMUM
MAXIMUM
Integer divider
Fractional divider
10k-20MHz
10k-20MHz
10k-100MHz
DJ unbound
DJ 10k-40MHz
RJ 10k-20MHz
RJ 10k-20MHz
1.6 ps-rms (Integer division)
70-240 ps-pp,
2.1 ps-rms (int div)
2.14 ps-rms (int div)
40 ps-pp
2.3 ps-rms (fractional div) 10k-20MHz
see Figure 4
Spurious Performance: The spurious performance is as follows:
Less than -80 dBc spurious from PFD/reference clocks at 122.88 MHz output frequency in the Nyquist range.
Less than -68 dBc spurious from output channel-to-channel coupling on the victim output at differential
signaling level operated at 122.88 MHz output frequency in the Nyquist range.
Device outputs:
The Device outputs offer multiple signaling formats: high-swing CML (LVPECL like), normal-swing CML (CML),
low-swing CML (LVDS like), HCSL, and LVCMOS signaling.
Table 4. Device Outputs
FREQUENCY
Outputs
LVPECL
CML
LVDS
HCSL
LVCMOS
OUTPUT DIVIDER
RANGE
Y[3:0]
X
X
X
Integer only
1.55 - 800 MHz
Integer
1.55 - 800 MHz
Y[7:4]
X
X
X
Fractional
1.00 - 400 MHz
Outputs [Y0:Y3] are driven by 8-b continuous integer dividers per pair. Outputs [Y4:Y7] are each driven by 20-b
fractional dividers that can achieve any frequency with better than 1ppm frequency accuracy. The output skew is
typically less than 40 ps for differential outputs. The LVCMOS outputs support adjustable slew rate control to
control EMI. Pairs of 2 outputs can be operated at 1.8 V, 2.5 V or 3.3 V power supply voltage.
Device Configuration:32 distinct pin modes are available that cover many common use cases without the need
for any serial programming of the device. For maximum flexibility the device also supports SPI and I2C
programming. I2C offers 4 distinct addresses to support up to 4 devices on the same programming lines.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz