Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE913 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE913 Datasheet(HTML) 3 Page - Texas Instruments

  CDCE913_15 Datasheet HTML 1Page - Texas Instruments CDCE913_15 Datasheet HTML 2Page - Texas Instruments CDCE913_15 Datasheet HTML 3Page - Texas Instruments CDCE913_15 Datasheet HTML 4Page - Texas Instruments CDCE913_15 Datasheet HTML 5Page - Texas Instruments CDCE913_15 Datasheet HTML 6Page - Texas Instruments CDCE913_15 Datasheet HTML 7Page - Texas Instruments CDCE913_15 Datasheet HTML 8Page - Texas Instruments CDCE913_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Xin/CLK 1
14
Xout
S0 2
13
S1/SDA
V
DD
3
12
S2/SCL
V
ctr
4
11
Y1
GND 5
10
GND
V
DDOUT 6
9
Y2
7
8
Y3
V
DDOUT
CDCE913, CDCEL913
www.ti.com
SCAS849F – JUNE 2007 – REVISED APRIL 2015
5 Pin Configuration and Functions
PW Package
14-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
5, 10
Ground
Ground
SCL: serial clock input LVCMOS (default configuration), internal pullup 500 k
Ω or
SCL/S2
12
I
S2: user-programmable control input; LVCMOS inputs; 500-k
Ω internal pullup
SDA: bidirectional serial data input/output (default configuration), LVCMOS internal pullup; or
SDA/S1
13
I/O or I
S1: user-programmable control input; LVCMOS inputs; 500-k
Ω internal pullup
S0
2
I
User-programmable control input S0; LVCMOS inputs; 500-k
Ω internal pullup
VCtrl
4
I
VCXO control voltage (leave open or pull up when not used)
VDD
3
Power
1.8-V power supply for the device
CDCE913: 3.3-V or 2.5-V supply for all outputs
VDDOUT
6, 7
Power
CDCEL913: 1.8-V supply for all outputs
Xin/CLK
1
I
Crystal oscillator input or LVCMOS clock Input (selectable through SDA/SCL bus)
Xout
14
O
Crystal oscillator output (leave open or pull up when not used)
Y1
11
O
LVCMOS outputs
Y2
9
O
LVCMOS outputs
Y3
8
O
LVCMOS outputs
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
2.5
V
VDDOUT
CDCEL913
–0.5
VDD
Output clocks supply voltage
V
CDCE913
–0.5
3.6 + 0.5
VI
Input voltage(2)(3)
–0.5
VDD + 0.5
V
VO
Output voltage(2)
–0.5
VDDOUT + 0.5
V
II
Input current (VI < 0, VI > VDD)
20
mA
IO
Continuous output current
50
mA
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
SDA and SCL can go up to 3.6 V as stated in the Recommended Operating Conditions table.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CDCE913 CDCEL913


Similar Part No. - CDCE913_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results

Similar Description - CDCE913_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS275 ICST-ICS275 Datasheet
164Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS276 ICST-ICS276 Datasheet
166Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS270 ICST-ICS270 Datasheet
162Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com