Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53325 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI53325
Description  DUAL 1:5 LOW JITTER LVPECL CLOCK BUFFER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53325 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI53325 Datasheet HTML 6Page - Silicon Laboratories SI53325 Datasheet HTML 7Page - Silicon Laboratories SI53325 Datasheet HTML 8Page - Silicon Laboratories SI53325 Datasheet HTML 9Page - Silicon Laboratories SI53325 Datasheet HTML 10Page - Silicon Laboratories SI53325 Datasheet HTML 11Page - Silicon Laboratories SI53325 Datasheet HTML 12Page - Silicon Laboratories SI53325 Datasheet HTML 13Page - Silicon Laboratories SI53325 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Si53325
10
Rev. 1.0
2.3. Output Clock Termination Options
The recommended output clock termination options are shown below. Unused outputs should be left unconnected.
Figure 6. LVPECL Output Termination
Si533xx
R1
VDDO
R2
R1
R2
50
50
LVPECL
Receiver
VTERM = VDDO – 2V
R1 // R2 = 50 Ohm
Q
Qn
= 3.3V or 2.5V
VDDO
3.3V LVPECL:
R1 = 127 Ohm, R2 = 82.5 Ohm
2.5V LVPECL:
R1 = 250 Ohm, R2 = 62.5 Ohm
DC Coupled LVPECL Termination Scheme 1
VDD = VDDO
Si533xx
50
50
LVPECL
Receiver
VTERM = VDDO – 2V
Q
Qn
= 3.3V or 2.5V
VDDO
50
50
VDD = VDDO
DC Coupled LVPECL Termination Scheme 2
Si533xx
R1
VDDO
R2
R1
R2
50
50
VBIAS = VDD – 1.3V
R1 // R2 = 50 Ohm
Rb
Rb
0.1 uF
AC Coupled LVPECL Termination Scheme 1
Q
Qn
0.1 uF
= 3.3V or 2.5V
VDDO
LVPECL
Receiver
= 3.3V or 2.5V
VDD
3.3V LVPECL:
R1 = 82.5 Ohm, R2 = 127 Ohm, Rb = 120 Ohm
2.5V LVPECL:
R1 = 62.5 Ohm, R2 = 250 Ohm, Rb = 90 Ohm
Si533xx
50
50
Rb
Rb
0.1 uF
AC Coupled LVPECL Termination Scheme 2
Q
Qn
0.1 uF
= 3.3V or 2.5V
VDDO
LVPECL
Receiver
= 3.3V or 2.5V
VDD
50
3.3V LVPECL:
Rb = 120 Ohm
2.5V LVPECL:
Rb = 90 Ohm
VBIAS = VDD – 1.3 V
50


Similar Part No. - SI53325

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si53325-B-GM SILABS-Si53325-B-GM Datasheet
1Mb / 51P
   Output Enable option
logo
Skyworks Solutions Inc.
SI53325-B-GM SKYWORKS-SI53325-B-GM Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
logo
Silicon Laboratories
Si53325-B-GQ SILABS-Si53325-B-GQ Datasheet
1Mb / 51P
   Output Enable option
logo
Skyworks Solutions Inc.
SI53325-B-GQ SKYWORKS-SI53325-B-GQ Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

Similar Description - SI53325

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Texas Instruments
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
CDCLVP215 TI-CDCLVP215 Datasheet
312Kb / 10P
[Old version datasheet]   LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
logo
Silicon Laboratories
SI53313 SILABS-SI53313 Datasheet
1Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com