Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF999 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. BF999
Description  Silicon N-Channel MOSFET Triode
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

BF999 Datasheet(HTML) 4 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BF999
Nov-08-2002
4
Gate input capacitance Cgss = f (VGS)
-2
0
EHT07311
BF 999
Cgss
GS
V
-1
01
V
1
2
pF
3
Output capacitance Cdss = f (VDS)
0
0.0
EHT07312
BF 999
C
dss
DS
V
5
10
15
V
0.5
1.0
1.5
pF
2.0
Reverse transfer capacitance
Cdg = f (VDS)
0
0
EHT07313
BF 999
C
dg
DS
V
5
10
15
V
50
100
150
fF
200
Gate input admittance y11s
(common-source)
0
0
EHT07314
BF 999
b
11s
g
11s
50
100
200
300
400
500
600
700
= 800
f
12
3
mS
4
2
4
6
8
10
12
mS
14
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn