Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53313 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI53313
Description  DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53313 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI53313 Datasheet HTML 7Page - Silicon Laboratories SI53313 Datasheet HTML 8Page - Silicon Laboratories SI53313 Datasheet HTML 9Page - Silicon Laboratories SI53313 Datasheet HTML 10Page - Silicon Laboratories SI53313 Datasheet HTML 11Page - Silicon Laboratories SI53313 Datasheet HTML 12Page - Silicon Laboratories SI53313 Datasheet HTML 13Page - Silicon Laboratories SI53313 Datasheet HTML 14Page - Silicon Laboratories SI53313 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Si53313
Rev. 1.0
11
2. Functional Description
The Si53313 is a low-jitter, low-skew dual 1:5 differential output buffer with an independent input for each bank.
The device has an any-format input that accepts most common differential or LVCMOS input signals. Each output
bank features control pins to select signal format, output enable, output divider setting and LVCMOS drive strength.
2.1. Universal, Any-Format Input
The Si53313 has a universal input stage that enables simple interfacing to a wide variety of clock formats, including
LVPECL, LVCMOS, LVDS, HCSL, and CML. Tables 15 and 16 summarize the various input ac- and dc-coupling
options supported by the device. Figures 3, 4, and 5 show the recommended input clock termination options.
Figure 3. Differential LVPECL, LVDS, CML AC-Coupled Input Termination
Figure 4. LVCMOS DC-Coupled Input Termination
Table 15. LVPECL, LVCMOS, and LVDS
LVPECL
LVCMOS
LVDS
AC-Couple
DC-Couple
AC-Couple
DC-Couple
AC-Couple
DC-Couple
1.8 V
N/A
N/A
No
No
Yes
No
2.5/3.3 V
Yes
Yes
No
Yes
Yes
Yes
Table 16. HCSL and CML
HCSL
CML
AC-Couple
DC-Couple
AC-Couple
DC-Couple
1.8 V
No
No
Yes
No
2.5/3.3 V
Yes
Yes
Yes
No
Si53313
0.1 µF
0.1 µF
CLKx
CLKx
100
VDD
Si53312
VDD
1 k
CMOS
Driver
VTERM = VDD/2
CLKx
= 3. 3 V or2. 5 V
VDDO
CLKx
50
Rs
1 k
VREF
Si53313


Similar Part No. - SI53313

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53313 SKYWORKS-SI53313 Datasheet
2Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/ LEVEL TRANSLATOR (<1.25 GHZ)
Rev. 1.0
SI53313-B-GM SKYWORKS-SI53313-B-GM Datasheet
2Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/ LEVEL TRANSLATOR (<1.25 GHZ)
Rev. 1.0
More results

Similar Description - SI53313

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53313 SKYWORKS-SI53313 Datasheet
2Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/ LEVEL TRANSLATOR (<1.25 GHZ)
Rev. 1.0
logo
Silicon Laboratories
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
SI53308 SILABS-SI53308 Datasheet
1Mb / 32P
   DUAL 1:3 LOW-JITTER BUFFER/LEVEL TRANSLATOR
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00105 TI1-LMK00105 Datasheet
1Mb / 15P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00101 TI1-LMK00101_16 Datasheet
859Kb / 19P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53325 SILABS-SI53325 Datasheet
1Mb / 27P
   DUAL 1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com