Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53308 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI53308
Description  DUAL 1:3 LOW-JITTER BUFFER/LEVEL TRANSLATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53308 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI53308 Datasheet HTML 5Page - Silicon Laboratories SI53308 Datasheet HTML 6Page - Silicon Laboratories SI53308 Datasheet HTML 7Page - Silicon Laboratories SI53308 Datasheet HTML 8Page - Silicon Laboratories SI53308 Datasheet HTML 9Page - Silicon Laboratories SI53308 Datasheet HTML 10Page - Silicon Laboratories SI53308 Datasheet HTML 11Page - Silicon Laboratories SI53308 Datasheet HTML 12Page - Silicon Laboratories SI53308 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Si53308
Rev. 0.9
9
Power Supply Noise
Rejection7
PSRR
10 kHz sinusoidal noise
–65
dBc
100 kHz sinusoidal noise
–62
dBc
500 kHz sinusoidal noise
–60
dBc
1 MHz sinusoidal noise
–55
dBc
Table 10. AC Characteristics (Continued)
(VDD = VDDOX =1.8 V 5%, 2.5 V  5%, or 3.3 V 10%,TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
Measured from the initial transition of the corresponding input clock to the falling edge of LOS
2.
Measured from the final transition of the corresponding input clock to the rising edge of LOS.
3.
When using the on-chip clock divider, a minimum input clock slew rate of 30 mV/ns is required.
4.
Measurements were made with receiver termination. See Figure 7 on page 18.
5.
Output to Output skew specified for outputs with an identical configuration.
6.
Defined as skew between any output on different devices operating at the same supply voltages, temperatures, and
equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross
points.
7.
Measured for 156.25 MHz carrier frequency. Sine-wave noise added to VDDOX (3.3 V = 100 mVPP) and noise spur
amplitude measured. See “AN491: Power Supply Rejection for Low-Jitter Clocks” for further details.


Similar Part No. - SI53308

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53308-B-GM SKYWORKS-SI53308-B-GM Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
More results

Similar Description - SI53308

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
SI53313 SILABS-SI53313 Datasheet
1Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Skyworks Solutions Inc.
SI53313 SKYWORKS-SI53313 Datasheet
2Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/ LEVEL TRANSLATOR (<1.25 GHZ)
Rev. 1.0
logo
Texas Instruments
LMK00105 TI1-LMK00105 Datasheet
1Mb / 15P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00101 TI1-LMK00101_16 Datasheet
859Kb / 19P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com