Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF799 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BF799
Description  NPN Silicon RF Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF799 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BF799 Datasheet HTML 1Page - Infineon Technologies AG BF799 Datasheet HTML 2Page - Infineon Technologies AG BF799 Datasheet HTML 3Page - Infineon Technologies AG BF799 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BF799
Apr-15-2003
2
Electrical Characteristics
at TA = 25 °C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
20
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
30
-
-
Base-emitter breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
3
-
-
Collector-base cutoff current
VCB = 20 V, IE = 0
ICBO
-
-
100
nA
DC current gain
IC = 5 mA, VCE = 10 V
IC = 20 mA, VCE = 10 V
hFE
35
40
95
100
-
250
-
Collector-emitter saturation voltage
IC = 20 mA, IB = 2 mA
VCEsat
-
0.1
0.3
V
Base-emitter saturation voltage
IC = 20 mA, IB = 2 mA
VBEsat
-
-
0.95
AC characteristics
Transition frequency
IC = 5 mA, VCE = 10 V, f = 100 MHz
IC = 20 mA, VCE = 8 V, f = 100 MHz
fT
-
-
800
1100
-
-
MHz
Output capacitance
VCB = 10 V, IE = 0 mA, f = 1 MHz
Cob
-
0.96
-
pF
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
0.7
-
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
-
0.28
-
Noise figure
IC = 5 mA, VCE = 10 V, f = 100 MHz,
ZS = 50 
F
-
3
-
dB
Output conductance
IC = 20 mA, VCE = 10 V, f = 35 MHz
g22e
-
60
-
S


Similar Part No. - BF799

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF799 SIEMENS-BF799 Datasheet
40Kb / 3P
   NPN SILICON RF TRANSISTOR (For linear broadband amplifier applications up to 500 MHz SAW filter driver in TV tuners)
logo
Infineon Technologies A...
BF799 INFINEON-BF799 Datasheet
67Kb / 6P
   NPN Silicon RF Transistor
2007-04-20
BF799 INFINEON-BF799 Datasheet
525Kb / 6P
   NPN Silicon RF Transistor
2011-09-21
logo
Siemens Semiconductor G...
BF799W SIEMENS-BF799W Datasheet
53Kb / 5P
   NPN Silicon RF Transistor (For linear broadband amplifier applications up to 500MHz SAW filter driver in TV tuners)
logo
Infineon Technologies A...
BF799W INFINEON-BF799W Datasheet
128Kb / 4P
   NPN Silicon RF Transistor
Apr-15-2003
More results

Similar Description - BF799

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com