Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53156 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI53156
Description  PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53156 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI53156 Datasheet HTML 7Page - Silicon Laboratories SI53156 Datasheet HTML 8Page - Silicon Laboratories SI53156 Datasheet HTML 9Page - Silicon Laboratories SI53156 Datasheet HTML 10Page - Silicon Laboratories SI53156 Datasheet HTML 11Page - Silicon Laboratories SI53156 Datasheet HTML 12Page - Silicon Laboratories SI53156 Datasheet HTML 13Page - Silicon Laboratories SI53156 Datasheet HTML 14Page - Silicon Laboratories SI53156 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Si53156
Rev. 1.1
11
Table 5. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1Start
1Start
8:2
Slave address–7 bits
8:2
Slave address–7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code–8 bits
18:11
Command Code–8 bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Data byte–8 bits
20
Repeated start
28
Acknowledge from slave
27:21
Slave address–7 bits
29
Stop
28
Read
29
Acknowledge from slave
37:30
Data from slave–8 bits
38
NOT Acknowledge
39
Stop


Similar Part No. - SI53156

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
logo
Silicon Laboratories
Si53156-A01AGM SILABS-Si53156-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI53156-A01AGM SKYWORKS-SI53156-A01AGM Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
logo
Silicon Laboratories
Si53156-A01AGMR SILABS-Si53156-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI53156-A01AGMR SKYWORKS-SI53156-A01AGMR Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
More results

Similar Description - SI53156

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53152 SILABS-SI53152 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
SI53156-A13A SKYWORKS-SI53156-A13A Datasheet
988Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.0
logo
Silicon Laboratories
SI53154 SILABS-SI53154 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53154 SKYWORKS-SI53154 Datasheet
992Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
Rev. 1.3
logo
Silicon Laboratories
SI53159 SILABS-SI53159 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE OUTPUT FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53159 SKYWORKS-SI53159 Datasheet
1,008Kb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE-OUTPUT FANOUT BUFFER
Rev. 1.3
logo
Silicon Laboratories
SI53159-A01AGM SILABS-SI53159-A01AGM Datasheet
147Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com