Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF775 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BF775
Description  NPN Silicon RF Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF775 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BF775 Datasheet HTML 1Page - Infineon Technologies AG BF775 Datasheet HTML 2Page - Infineon Technologies AG BF775 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nov-30-2000
2
BF 775
Electrical Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO 15
-
-
V
Collector-emitter cutoff current
VCE = 20 V, VBE = 0
ICES
-
-
10
µA
Collector -base cutoff current
VCB = 10 V, IE = 0
ICBO
-
-
100
nA
Emitter-base cutoff current
VEB = 2.5 V, IC = 0
IEBO
-
-
100
µA
DC current gain
IC = 10 mA, VCE = 8 V
hFE
40
100
200
-


Similar Part No. - BF775

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF775 SIEMENS-BF775 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for TV-sat and UHF tuners)
logo
New Jersey Semi-Conduct...
BF775 NJSEMI-BF775 Datasheet
71Kb / 2P
   Silicon NPN RF Transistor
logo
Inchange Semiconductor ...
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
Infineon Technologies A...
BF775 INFINEON-BF775 Datasheet
54Kb / 5P
   NPN Silicon RF Transistor
2007-04-20
logo
Siemens Semiconductor G...
BF775A SIEMENS-BF775A Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for amplifiers and TV-sat tuners)
More results

Similar Description - BF775

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com