Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF543 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. BF543
Description  Silicon N-Channel MOSFET Triode
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

BF543 Datasheet(HTML) 5 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BF543
Jun-28-2001
5
Gate forward transfer admittance y21s
VDS = 10V, IDSS = 4mA, VGS = 0
(source circuit)
0
-10
EHT07033
BF 543
b
21s
g
21s
= 800
f
700
600
500
400
300
200
100
50
510
mS
15
-5
mS
0
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
Output admittance y22s
VDS = 10V, IDSS = 10mA, VGS = 0
(source circuit)
0
0
EHT07034
BF 543
b
22s
g
0.1
0.2
0.3
0.4 mS 0.5
4
5
mS
22s
50
100
200
300
400
500
600
700
= 800
3
2
1
f
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn