Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR800AEVM Datasheet(PDF) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DS125BR800AEVM
Description  SMA evaluation kit provides a complete high band-width platform to evaluate the signal integrity
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DS125BR800AEVM Datasheet(HTML) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button DS125BR800AEVM Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Switch Connection Overview
www.ti.com
3
Switch Connection Overview
Table 2. Connection and Control Description
Component
Name
Function
IN_B2+, IN_B2-,
IN_B3+, IN_B3-,
J1 to J8
High-speed differential inputs
IN_A0+, IN_A0-,
IN_A1+, IN_A1-,
OUT_B2+, OUT_B2-,
OUT_B3+, OUT_B3-,
J9 to J16
High-speed differential outputs
OUT_A0+, OUT_A0-,
OUT_A1+, OUT_A1-,
J19
VIN or VDD
DC Power - VIN or VDD to DS125BR800A
J20
VIN or VDD
Jumper – VIN or VDD to VIH power
Optional SMBUS access pins.
J17
SDA, SCL
See the datasheet for additional information on SMBUS.
J18
EEPROM
Optional socket for EEPROM
EQB[1:0] or
PIN MODE – EQ control for channel B inputs
SW1
AD[3:2]
SMBUS MODE – AD[3:2] device address bits
ENSMB = LOW – PIN MODE
ENSMB = HIGH – SMBUS (slave mode)
SW2
ENSMB
ENSMB = FLOAT – SMBUS (master mode – load configuration from
EEPROM)
SW3
DEMA[1:0]
PIN MODE – DE control for channel A outputs
SW4
SDA/SCL
“ON” position connects SDA and SCL lines to the device pin.
DEMB[1:0] or
PIN MODE – DE control for channel B outputs
SW5
AD[1:0]
SMBUS MODE – AD[1:0] device address bits
SD_TH – Signal detect threshold level (FLOAT = Default level)
SW6
SD_TH and LPBK - RES
LPBK function for BR401 only (FLOAT = Normal operation)
VDD_SEL and
VDD_SEL – Enable or disable the internal 3.3V to 2.5V regulator.
SW7
RESET
RESET – Enable or disable the device (LOW – enable)
SW8
EQA[1:0]
PIN MODE – EQ control for channel A inputs
INPUT_EN – Enable or disable the internal 50 ohm to VDD terminations
MODE – Tie 1 k
Ω to GND = GEN 1,2 and SAS 1,2
INPUT_EN and
SW9
Float = Auto Mode Select (for PCIe and SAS-3)
MODE
Tie 20 k
Ω to GND = SAS-3 and GEN-3 without De-emphasis
Tie 1 k
Ω to VDD = SAS-3 and GEN-3 with De-emphasis
ENSMB = FLOAT – SMBUS (master mode – load configuration from
EEPROM)
SW6: SD_TH becomes the READ_EN pin.
To start the loading at power up, set SW6 pin 3 to “ON” position (pull to
SW10
READ_EN
GND).
To manually control the start, set SW6 pin 1 to “ON” position (pull to VDD)
and push the SW10 button for the high to low transition to start the loading.
When the loading is complete the LED – D1 light should turn OFF.
6
DS125BR800AEVM Evaluation Kit
SNLU151 – September 2013
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - DS125BR800AEVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800ANJYR TI1-DS125BR800ANJYR Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800ANJYT TI1-DS125BR800ANJYT Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
More results

Similar Description - DS125BR800AEVM

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
LMK61E2EVM TAOS-LMK61E2EVM Datasheet
1Mb / 27P
   evaluation module provides a complete evaluation platform to evaluate the clock performance
logo
Maxim Integrated Produc...
MAX30001EVSYS MAXIM-MAX30001EVSYS Datasheet
7Mb / 34P
   Convenient Platform to Evaluate the MAX30001
Rev 0; 10/17
DS33M30DK MAXIM-DS33M30DK Datasheet
1Mb / 28P
   Careful Layout Provides Signal Integrity
Rev: 102108
logo
National Semiconductor ...
LMZ23605 NSC-LMZ23605 Datasheet
2Mb / 10P
   Evaluation Board to be an easy-to-use platform to evaluate
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
   evaluation board provides a solution to examine the high efficiency
logo
Maxim Integrated Produc...
MAX22518EVKIT MAXIM-MAX22518EVKIT Datasheet
2Mb / 13P
   MAX22518 Evaluation Kit Evaluate: MAX22517?묺AX22519
Rev 2; 8/20
logo
National Semiconductor ...
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
logo
STMicroelectronics
UM0313 STMICROELECTRONICS-UM0313 Datasheet
1Mb / 33P
   The EK302DL is an evaluation kit designed to provide the user with a complete
logo
Texas Instruments
SBAU012 TI-SBAU012 Datasheet
157Kb / 11P
[Old version datasheet]   COMPLETE EVALUATION PLATFORM FOR THE PCM1604 SIX-CHANNEL AUDIO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com