Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR800AEVM Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DS125BR800AEVM
Description  SMA evaluation kit provides a complete high band-width platform to evaluate the signal integrity
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DS125BR800AEVM Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button DS125BR800AEVM Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SMBus Slave Mode of the EQ, VOD, and De-Emphasis level:
www.ti.com
5
SMBus Slave Mode of the EQ, VOD, and De-Emphasis level:
Set ENSMB = 1 (1 k
Ω to VIH) by using the SW2 (3-2-1) = (OFF-OFF-ON).
Set SW4 pin1,2 to the ON position so the SMBUS signals are connected.
Set SW3 pin1 thru pin6 switches to the OFF position so they do not connect to the SDA and SCL line.
Set the SW1 and SW5 for the AD[3:0] pins. AD[3:0]=0000 sets device slave address = B0’hex.
Connect SDA, SCL and GND to J17. Please refer to datasheet for register map for EQ, VOD and
DEM.
10
DS125BR800AEVM Evaluation Kit
SNLU151 – September 2013
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - DS125BR800AEVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800ANJYR TI1-DS125BR800ANJYR Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800ANJYT TI1-DS125BR800ANJYT Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
More results

Similar Description - DS125BR800AEVM

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
LMK61E2EVM TAOS-LMK61E2EVM Datasheet
1Mb / 27P
   evaluation module provides a complete evaluation platform to evaluate the clock performance
logo
Maxim Integrated Produc...
MAX30001EVSYS MAXIM-MAX30001EVSYS Datasheet
7Mb / 34P
   Convenient Platform to Evaluate the MAX30001
Rev 0; 10/17
DS33M30DK MAXIM-DS33M30DK Datasheet
1Mb / 28P
   Careful Layout Provides Signal Integrity
Rev: 102108
logo
National Semiconductor ...
LMZ23605 NSC-LMZ23605 Datasheet
2Mb / 10P
   Evaluation Board to be an easy-to-use platform to evaluate
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
   evaluation board provides a solution to examine the high efficiency
logo
Maxim Integrated Produc...
MAX22518EVKIT MAXIM-MAX22518EVKIT Datasheet
2Mb / 13P
   MAX22518 Evaluation Kit Evaluate: MAX22517?묺AX22519
Rev 2; 8/20
logo
National Semiconductor ...
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
logo
STMicroelectronics
UM0313 STMICROELECTRONICS-UM0313 Datasheet
1Mb / 33P
   The EK302DL is an evaluation kit designed to provide the user with a complete
logo
Texas Instruments
SBAU012 TI-SBAU012 Datasheet
157Kb / 11P
[Old version datasheet]   COMPLETE EVALUATION PLATFORM FOR THE PCM1604 SIX-CHANNEL AUDIO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com