Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPLSU85-111-49V Datasheet(PDF) 1 Page - Total Power International

Part # TPLSU85-111-49V
Description  85W LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPLSU85-111-49V Datasheet(HTML) 1 Page - Total Power International

  TPLSU85-111-49V Datasheet HTML 1Page - Total Power International TPLSU85-111-49V Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
WideOperatingVoltage90to305VAC,47to63Hz
InternalEMIfilter
ActivePowerFactorCorrection
C.C.Mode+C.V.Mode
ConstantCurrent:1.5~4.04A
ConstantVoltage:21~50V
OverVoltage,OverCurrent,Over Temperature(optional)
ClassI
3yearwarranty
ElectricalCharacteristics:
Vin
Safety ApprovalsInputVoltageRange
OperateVoltageRange
100~277VAC
90~305VAC
fin
PF
Po
Vo
Io
InputFrequency
PowerFactorCorrection
OutputPowerRange
Seeratingchart
Seeratingchart
Seeratingchart
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=90~280VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=115VAC
°
Io=Fullload,25°C,Coolstart,Vin=230VAC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
1.3A
0.5A
47~63Hz
0.90~10
.
35A (max.)
70A (max.)
86~90%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Th
Ts
Vp-p
Ilk
TC
Io=FullLoad,Vin=230VAC
Io=FullLoad
Vin=230VAC(C.C.)
Vin=230VAC (C.V.)
C.C.
C.V.
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100VAC
FullLoad,Vin=90VAC
Io=FullLoadtoHalfLoad,Vin=100VAC
Vin=240VAC/60Hz
Alloutput
Efficiency
LineRegulation
LoadRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime(C.V.)
StartUpTime
TemperatureCoefficient
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
±0.04%/°C
103~105%
103~105%
140~180%
1S (max.)
8mS (min.)
0.5~1%
0.75mA (max.)
1%(max.)
3%
3%
4mS(max.)
Pno
Seeratingchart
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat60°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C CalculatedperMIL-HDBK-217F
,
°
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcurve
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
Vpg
Ris
4242VDC (min.)
2121VDC (min.)
Primarytosecondary
PrimarytoPE
TestVoltage=500VDC
DielectricWithstandingVoltage
DielectricWithstandingVoltage
forPrimarytoPE
IsolationResistance
TPLSU85 SERIES
50M
(min.)
Ir
85WLEDPowerSupply
SafetyApprovals:
Application:
-Outdoorinstallations
RoHS
2002/95/EC
COMPLIANT
BAUART
TYPE
APPROVED
GEPRUFT
CB
IP67
Iih
Iil
UL/c-UL(UL8750:1stedition)
TUV(EN/IEC61347-1:2008,
EN/IEC61347-2-13:2006)
CE-EMC(EN55015:2006&
EN61547:1995+A1:2000)
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - TPLSU85-111-49V

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLSU60 TOTAL-POWER-TPLSU60 Datasheet
156Kb / 2P
   60W LED Power Supply
TPLSU60-105-11V TOTAL-POWER-TPLSU60-105-11V Datasheet
156Kb / 2P
   60W LED Power Supply
TPLSU60-105-12V TOTAL-POWER-TPLSU60-105-12V Datasheet
156Kb / 2P
   60W LED Power Supply
TPLSU60-105-13V TOTAL-POWER-TPLSU60-105-13V Datasheet
156Kb / 2P
   60W LED Power Supply
TPLSU60-106-13V TOTAL-POWER-TPLSU60-106-13V Datasheet
156Kb / 2P
   60W LED Power Supply
More results

Similar Description - TPLSU85-111-49V

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RD-85 TOTAL-POWER-RD-85 Datasheet
459Kb / 2P
   85W Dual Output Switching Power Supply
RID-85 TOTAL-POWER-RID-85 Datasheet
471Kb / 2P
   85W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-85 MEANWELL-RT-85_10 Datasheet
713Kb / 2P
   85W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RQ-85 ASTRODYNE-RQ-85 Datasheet
785Kb / 2P
   85W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-85 MEANWELL-RD-85 Datasheet
387Kb / 2P
   85W Dual Output Switching Power Supply
RQ-85 MEANWELL-RQ-85 Datasheet
705Kb / 2P
   85W Quad Output Switching Power Supply
logo
Astrodyne Corporation
RQ85 ASTRODYNE-RQ85 Datasheet
303Kb / 4P
   85W Quad Output Switching Power Supply
logo
Total Power Internation...
RQ-85 TOTAL-POWER-RQ-85 Datasheet
713Kb / 2P
   85W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-85 MEANWELL-RT-85 Datasheet
705Kb / 2P
   85W Triple Output Switching Power Supply
RT-85 MEANWELL-RT-85_11 Datasheet
714Kb / 2P
   85W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com