Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX71K Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCX71K
Description  PNP Silicon AF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX71K Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCX71K Datasheet HTML 1Page - Infineon Technologies AG BCX71K Datasheet HTML 2Page - Infineon Technologies AG BCX71K Datasheet HTML 3Page - Infineon Technologies AG BCX71K Datasheet HTML 4Page - Infineon Technologies AG BCX71K Datasheet HTML 5Page - Infineon Technologies AG BCX71K Datasheet HTML 6Page - Infineon Technologies AG BCX71K Datasheet HTML 7Page - Infineon Technologies AG BCX71K Datasheet HTML 8Page - Infineon Technologies AG BCX71K Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BCW61, BCX71
5
Jul-10-2001
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Short-circuit forward current transf.ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-grp.
A/G
B/H
C/J/FF
D/K/FN
h21e
-
-
-
-
200
260
330
520
-
-
-
-
-
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-grp.
A/G
B/H
C/J/FF
D/K/FN
h22e
-
-
-
-
18
24
30
50
-
-
-
-
S
Noise figure
IC = 200 µA, VCE = 5 V, RS = 1 k,
f = 1 kHz,
 f = 200 Hz
hFE-grp.
A/K
FF/FN
F
-
-
2
1
-
2
dB
Equivalent noise voltage
IC = 200 µA, VCE = 5 V, RS = 2 k,
f = 10 ... 50 Hz
hFE-grp.
FF/FN
Vn
-
-
0.11
µV


Similar Part No. - BCX71K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX71K PHILIPS-BCX71K Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
logo
Continental Device Indi...
BCX71K CDIL-BCX71K Datasheet
88Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Samsung semiconductor
BCX71K SAMSUNG-BCX71K Datasheet
31Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
BCX71K KEXIN-BCX71K Datasheet
1Mb / 2P
   PNP Transistors
logo
Siemens Semiconductor G...
BCX71K SIEMENS-BCX71K Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCX71K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com