Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC1682B Datasheet(PDF) 6 Page - Linear Dimensions Semiconductor

Part # DC1682B
Description  12-port Type 2 power sourcing equipment (PSE) composed of a DC1682B daughter card and DC1680A mother board.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

DC1682B Datasheet(HTML) 6 Page - Linear Dimensions Semiconductor

Back Button DC1682B Datasheet HTML 2Page - Linear Dimensions Semiconductor DC1682B Datasheet HTML 3Page - Linear Dimensions Semiconductor DC1682B Datasheet HTML 4Page - Linear Dimensions Semiconductor DC1682B Datasheet HTML 5Page - Linear Dimensions Semiconductor DC1682B Datasheet HTML 6Page - Linear Dimensions Semiconductor DC1682B Datasheet HTML 7Page - Linear Dimensions Semiconductor DC1682B Datasheet HTML 8Page - Linear Dimensions Semiconductor DC1682B Datasheet HTML 9Page - Linear Dimensions Semiconductor DC1682B Datasheet HTML 10Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
dc1840bfc
DEMO MANUAL DC1840B
Demonstration circuit 1682B operation
Board Layout
ProperboardlayoutiscrucialforproperLTC4270/LTC4271
chipset operation, robustness, and accuracy. When lay-
ing out, pay attention to parts placement, Kelvin sensing,
power paths, and copper fill. It is imperative to follow the
LTC4270/LTC4271 Layout Guide document when laying
out the board.
Figure 6. DC1682B Digital and Analog Isolation
Isolation and Power Supplies
The LTC4270/LTC4271 chipset provides communication
across an isolation barrier through a data transformer
(Figure 6). This eliminates the need for expensive opto-
couplers. All digital pins reside on the digital ground refer-
ence and are isolated from the analog PoE supply. A 3.3V
supply for VDD and an isolated VEE supply are connected
to the DC1682B through the 34-pin connector.
VDD33
VDD33
T1
DND
CPD
CND
DPD
AGND
VEE
DNA
VEE
VEE
ISOLATION
WÜRTH 7490100143
CPA
34-PIN
CONNECTOR
DC1682B SIDE
DC1680A SIDE
VDD33 SUPPLY
VEE
SUPPLY
CNA
DPA
TX+
RX
CT(4)
CT(2)
RX+
TX
TD+
RD
CT(3)
CT
RD+
TD
U1
LTC4271
U2
LTC4270
C23
1µF
C21
0.1µF
R13
100
DC1840B F06
DGND
C19
1µF
100V
R35
10
D1
SMAJ58A
R14
100
C22
1µF
R15
100
R16
100
R21
100
R22
100
R23
100
R24
100
C24, 2nF
2kV
CBULK
TVSBULK
+–
+–


Similar Part No. - DC1682B

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DC16-73 ALPHA-DC16-73 Datasheet
59Kb / 3P
   Directional Coupler
logo
Skyworks Solutions Inc.
DC16-73 SKYWORKS-DC16-73 Datasheet
155Kb / 4P
   Directional Coupler 0.3-2.7 GHz
DC16-73LF SKYWORKS-DC16-73LF Datasheet
155Kb / 4P
   Directional Coupler 0.3-2.7 GHz
logo
Intronics Power, Inc.
DC1600 INTRONICS-DC1600 Datasheet
172Kb / 1P
   15 Watt Triple Output DC-DC Converters
logo
Analog Devices
DC1613A AD-DC1613A Datasheet
309Kb / 8P
   I2C/SMBUS/PMBUS Controller
More results

Similar Description - DC1682B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFHM3911TRPBF INFINEON-IRFHM3911TRPBF Datasheet
583Kb / 10P
   POE Power Sourcing Equipment Switch
2016-2-23
logo
Silver Telecom 2019
AG6100 SILVERTEL-AG6100 Datasheet
571Kb / 13P
   POE Power-Sourcing-Equipment Module
logo
Broadcom Corporation.
BCM5912X BOARDCOM-BCM5912X Datasheet
141Kb / 2P
   Octal Power Sourcing Equipment Controller
October 5, 2018
logo
Texas Instruments
TPS2383 TI-TPS2383 Datasheet
394Kb / 27P
[Old version datasheet]   OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
   12-PORT PoE PSE MANAGER
PD64012GH MICROSEMI-PD64012GH Datasheet
55Kb / 1P
   12-PORT HPoE PSE MANAGER
logo
Silver Telecom 2019
AG6400 SILVERTEL-AG6400 Datasheet
769Kb / 40P
   POE Power-Sourcing-Equipment Module
logo
Infineon Technologies A...
IRFHM3911PBF INFINEON-IRFHM3911PBF Datasheet
583Kb / 10P
   POE Power Sourcing Equipment Switch
2016-2-23
logo
Silver Telecom 2019
AG6110 SILVERTEL-AG6110 Datasheet
530Kb / 15P
   Ultra POE Power-Sourcing-Equipment Module
logo
Texas Instruments
TPS2384 TI1-TPS2384_13 Datasheet
1Mb / 51P
[Old version datasheet]   QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com