Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F36X Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # C8051F36X
Description  C8051F36x DEVELOPMENT KIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C8051F36X Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button C8051F36X Datasheet HTML 5Page - List of Unclassifed Manufacturers C8051F36X Datasheet HTML 6Page - List of Unclassifed Manufacturers C8051F36X Datasheet HTML 7Page - List of Unclassifed Manufacturers C8051F36X Datasheet HTML 8Page - List of Unclassifed Manufacturers C8051F36X Datasheet HTML 9Page - List of Unclassifed Manufacturers C8051F36X Datasheet HTML 10Page - List of Unclassifed Manufacturers C8051F36X Datasheet HTML 11Page - List of Unclassifed Manufacturers C8051F36X Datasheet HTML 12Page - List of Unclassifed Manufacturers C8051F36X Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
C8051F36x-DK
Rev. 0.3
9
5.5. USB to Serial Connector (P1)
A USB-to-Serial bridge interface is provided. A USB B-type connector (P1), a Silicon Laboratories CP2102 USB-to-
UART Bridge, and related circuits are provided to facilitate the serial connection between a PC and the C8051F360
microcontroller on the target board. The RX, TX, CTS and RTS signals of the UART side of the Bridge (CP2102)
may be connected to the microcontroller by installing shorting blocks on J12 as follows:
5.6. Analog I/O (P2)
Several of the C8051F360 target device’s port pins are connected to the P3 terminal block. Refer to Table 5 for the
P3 terminal block connections.
5.7. Power Connector (J1)
The Target Board can be powered from three different sources: 1) The regulator input from the P2 9 V DC Power
Adapter, 2) The 5 V VBUS signal if P4 is connected to a USB bus, and 3) The 5 V USB bus if a USB Debug
Adapter is connected to the Debug Header (J9). Place a shorting block at header J1[REG_IN-P1_PWR] to power
the board directly from an AC/DC Power Adapter. Place a shorting block at header J1[REG_IN-VBUS] to power the
board from the USB bus connected to P4. Place a shorting block at header J1[REG_IN-SER_PWR] to power the
board from the USB Debug Adapter. Please note that the second option is not supported if a USB bus is not
connected to P4 and the third option is not supported with either the EC1 or EC2 Serial Adapters.
Note: Only one power option should be selected at one time.
Table 4. UART Connections (J12)
Connection
Signals
J12[9–10]
P0.1 to TX_MC
J12[11–12]
P0.2 to RX_MC
J12[13–14]
P3.4 to RTS
J12[15–16]
P3.5 to CTS
Table 5. J6 Terminal Block Pin Descriptions
Pin #
Description
1
P2.3/AIN2.3/CP0+
2
P2.4/AIN2.4/CP0–
3
GND (Ground)
4
P0.3/VREF (Voltage Reference)
5P0.4/IDAC


Similar Part No. - C8051F36X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F360 SILABS-C8051F360 Datasheet
4Mb / 288P
   Mixed Signal ISP Flash MCU Family
C8051F360-GQ SILABS-C8051F360-GQ Datasheet
4Mb / 288P
   Mixed Signal ISP Flash MCU Family
C8051F361 SILABS-C8051F361 Datasheet
4Mb / 288P
   Mixed Signal ISP Flash MCU Family
C8051F361-GQ1 SILABS-C8051F361-GQ1 Datasheet
4Mb / 288P
   Mixed Signal ISP Flash MCU Family
C8051F362 SILABS-C8051F362 Datasheet
4Mb / 288P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F36X

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
   Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
   916.5MHz Development kit
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
   CP250X DEVELOPMENT KIT
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
   SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
   Qseven Development Kit
6-Jun-2018
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
logo
Texas Instruments
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
[Old version datasheet]   LaunchPad Development Kit
logo
CUI Devices
DEVKIT-ECM-001 CUID-DEVKIT-ECM-001 Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/13/2023
DEVKIT-MEMS-001 CUID-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
   MICROPHONE DEVELOPMENT KIT
04/13/2023
logo
Broadcom Corporation.
CALISTO-BCM1500 BOARDCOM-CALISTO-BCM1500 Datasheet
685Kb / 2P
   SOFTWARE DEVELOPMENT KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com