Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARDUINO101 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ARDUINO101
Description  Try out the integrated accelerometer and gyro and discover sensor fusion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARDUINO101 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ARDUINO101 Datasheet HTML 1Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 2Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 3Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 4Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
source). You can supply voltage through this pin, or if supplying voltage via the
power jack, access it through this pin.
5V. This pin outputs a regulated 5V from the regulator on the board. The board can
be supplied with power either from the DC power jack (7 - 12V), the USB
connector (5V), or the VIN pin of the board (7-12V). Supplying voltage via the 5V
or 3.3V pins bypasses the regulator, and can damage your board if it is not
sufficiently regulated. We don't advise it.
3.3V. A 3.3 volt supply generated by the on-board regulator. Maximum current
draw is 1500 mA. This regulator also provides power to the Curie microcontroller.
GND. Ground pins.
IOREF. This pin on the Arduino board provides the voltage reference with which
the microcontroller operates. A properly configured shield can read the IOREF pin
voltage and select the appropriate power source or enable voltage translators on the
outputs for working with the 5V or 3.3V.
Memory
The Intel Curie module memory is shared between the two microcontrollers, so
your sketch can use 196 kB out of 384 kB (flash memory) and 24 kB out of 80 kB
(SRAM)
Input and Output
Each of the 20 general purpose I/O pins on the 101 can be used for digital input or
digital output using pinMode(), digitalWrite(), and digitalRead() functions. Pins that
can be used for PWM output are: 3, 5, 6, 9 using analogWrite() function. All pins
operate at 3.3 volts. Each pin can source or sink a maximum of 4 mA.
In addition, some pins have specialized functions:
Serial: 0 (RX) and 1 (TX). Used to receive (RX) and transmit (TX) TTL serial data.
These pins are connected to the Serial1 class.
External Interrupts on all pins. Can trigger an interrupt on a low value, high value, a
rising or falling edge, or a change in value (change is only supported by pins 2, 5, 7,
8, 10, 11, 12, 13). See the attachInterrupt() function for details.
PWM: 3, 5, 6, 9, 10, 11, and 13. Provide 8-bit PWM output with
the analogWrite() function.


Similar Part No. - ARDUINO101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARDUINO-NANO ETC-ARDUINO-NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINONANO ETC-ARDUINONANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINO_NANO ETC-ARDUINO_NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
More results

Similar Description - ARDUINO101

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
NXP Semiconductors
FXOS8700CQ NXP-FXOS8700CQ Datasheet
1Mb / 117P
   6-axis sensor with integrated linear accelerometer and magnetometer
Rev. 7.0 - 22 March 2016
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
   GYRO SENSOR
logo
Bosch Sensortec GmbH
BHA260 BOSCH-BHA260 Datasheet
202Kb / 2P
   Ultra-low power and high-performance smart sensor hub with integrated accelerometer
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
logo
Bosch Sensortec GmbH
BHI260 BOSCH-BHI260 Datasheet
220Kb / 2P
   Ultra low-power high performance smart sensor hub with integrated accelerometer and gyroscope
logo
Epson ToYoCom
XV7001BB EPSONTOYOCOM-XV7001BB Datasheet
534Kb / 2P
   GYRO Sensor (Digital Output)
XV7021BB EPSONTOYOCOM-XV7021BB Datasheet
565Kb / 2P
   GYRO Sensor (Digital Output)
logo
Epson Company
XV4001BC EPSON-XV4001BC Datasheet
960Kb / 2P
   GYRO SENSOR (Digital Output)
logo
Epson ToYoCom
XV4001BC EPSONTOYOCOM-XV4001BC Datasheet
282Kb / 1P
   GYRO Sensor (Digital Output)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com