Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARDUINO101 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ARDUINO101
Description  Try out the integrated accelerometer and gyro and discover sensor fusion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARDUINO101 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ARDUINO101 Datasheet HTML 1Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 2Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 3Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 4Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical specs
Microcontroller
Intel Curie
Operating Voltage
3.3V (5V tolerant I/O)
Input Voltage (recommended)
7-12V
Input Voltage (limit)
7-20V
Digital I/O Pins
14 (of which 4 provide PWM output)
PWM Digital I/O Pins
4
Analog Input Pins
6
DC Current per I/O Pin
4 mA
Flash Memory
196 kB
SRAM
24 kB
Clock Speed
32MHz
Features
Bluetooth LE, 6-axis accelerometer/gyro
Length
68.6 mm
Width
53.4 mm
Programming
The 101 can be programmed with the Arduino Software (IDE). Select
"Arduino/Genuino 101" from the Tools > Board menu. For details, see the reference
and tutorials.
The board comes preprogrammed with an RTOS that handles USB connection and
allows you to upload new code without the use of an external hardware
programmer. It communicates using the DFU protocol (reference).
Differences with other boards
The 101 has some features in common with both UNO (connectors, available
peripherals) and Zero (32bit microcontroller, 3.3V IO) but the low power Intel
microcontroller, on-board BLE and motion sensors make it unique.
Power
The 101 board can be powered via the USB connection or with an external power
supply. The power source is selected automatically.
External (non-USB) power can come either from an AC-to-DC adapter (wall-wart)
or battery. The adapter can be connected by plugging a 2.1mm center-positive plug
into the board's power jack. Leads from a battery can be inserted in the GND and
Vin pin headers of the POWER connector.
The power pins are as follows:
VIN. The input voltage to the Arduino board when it's using an external power
source (as opposed to 5 volts from the USB connection or other regulated power


Similar Part No. - ARDUINO101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARDUINO-NANO ETC-ARDUINO-NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINONANO ETC-ARDUINONANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINO_NANO ETC-ARDUINO_NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
More results

Similar Description - ARDUINO101

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
NXP Semiconductors
FXOS8700CQ NXP-FXOS8700CQ Datasheet
1Mb / 117P
   6-axis sensor with integrated linear accelerometer and magnetometer
Rev. 7.0 - 22 March 2016
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
   GYRO SENSOR
logo
Bosch Sensortec GmbH
BHA260 BOSCH-BHA260 Datasheet
202Kb / 2P
   Ultra-low power and high-performance smart sensor hub with integrated accelerometer
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
logo
Bosch Sensortec GmbH
BHI260 BOSCH-BHI260 Datasheet
220Kb / 2P
   Ultra low-power high performance smart sensor hub with integrated accelerometer and gyroscope
logo
Epson ToYoCom
XV7001BB EPSONTOYOCOM-XV7001BB Datasheet
534Kb / 2P
   GYRO Sensor (Digital Output)
XV7021BB EPSONTOYOCOM-XV7021BB Datasheet
565Kb / 2P
   GYRO Sensor (Digital Output)
logo
Epson Company
XV4001BC EPSON-XV4001BC Datasheet
960Kb / 2P
   GYRO SENSOR (Digital Output)
logo
Epson ToYoCom
XV4001BC EPSONTOYOCOM-XV4001BC Datasheet
282Kb / 1P
   GYRO Sensor (Digital Output)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com