Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARDUINO101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ARDUINO101
Description  Try out the integrated accelerometer and gyro and discover sensor fusion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARDUINO101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ARDUINO101 Datasheet HTML 1Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 2Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 3Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 4Page - List of Unclassifed Manufacturers ARDUINO101 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PWM). The RTOS for Intel Curie is still under development and new functions and
features will be released in the near future.
The 101 comes with 14 digital input/output pins (of which 4 can be used as PWM
outputs), 6 analog inputs, a USB connector for serial communication and sketch
upload, a power jack, an ICSP header with SPI signals and I2C dedicated pins.
The board operating voltage and I/O is 3.3V but all pins are protected against 5V
overvoltage.
The Arduino 101 (USA only) and the Genuino 101 (outside USA) has been
designed in collaboration with Intel®.
Getting Started
In the Getting Started section, you can find all the information you need to
configure your board, use the Arduino Software (IDE), and start to tinker with
coding and electronics.
Get Inspired
Try out the integrated accelerometer and gyro and discover sensor fusion
Count your steps using the advanced features of 101's accelerometer
Monitor your heart rate using the Bluetooth Low Energy capabilities (BLE)
Need Help?
On the Software on the Arduino Forum
On Projects on the Arduino Forum
On the Product itself through our Customer Support


Similar Part No. - ARDUINO101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARDUINO-NANO ETC-ARDUINO-NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINONANO ETC-ARDUINONANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINO_NANO ETC-ARDUINO_NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
More results

Similar Description - ARDUINO101

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
NXP Semiconductors
FXOS8700CQ NXP-FXOS8700CQ Datasheet
1Mb / 117P
   6-axis sensor with integrated linear accelerometer and magnetometer
Rev. 7.0 - 22 March 2016
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
   GYRO SENSOR
logo
Bosch Sensortec GmbH
BHA260 BOSCH-BHA260 Datasheet
202Kb / 2P
   Ultra-low power and high-performance smart sensor hub with integrated accelerometer
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
logo
Bosch Sensortec GmbH
BHI260 BOSCH-BHI260 Datasheet
220Kb / 2P
   Ultra low-power high performance smart sensor hub with integrated accelerometer and gyroscope
logo
Epson ToYoCom
XV7001BB EPSONTOYOCOM-XV7001BB Datasheet
534Kb / 2P
   GYRO Sensor (Digital Output)
XV7021BB EPSONTOYOCOM-XV7021BB Datasheet
565Kb / 2P
   GYRO Sensor (Digital Output)
logo
Epson Company
XV4001BC EPSON-XV4001BC Datasheet
960Kb / 2P
   GYRO SENSOR (Digital Output)
logo
Epson ToYoCom
XV4001BC EPSONTOYOCOM-XV4001BC Datasheet
282Kb / 1P
   GYRO Sensor (Digital Output)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com