Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-SDP-CB1Z Datasheet(PDF) 23 Page - Analog Devices

Part # EVAL-SDP-CB1Z
Description  16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-SDP-CB1Z Datasheet(HTML) 23 Page - Analog Devices

Back Button EVAL-SDP-CB1Z Datasheet HTML 18Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 19Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 20Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 21Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 22Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 23Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 24Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 25Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
AD7915/AD7916
Rev. 0 | Page 23 of 26
APPLICATIONS INFORMATION
INTERFACING TO BLACKFIN DSP
The AD7915/AD7916 can easily connect to a Blackfin® DSP SPI
or SPORT. The SPI configuration is straightforward using the
standard SPI interface, as shown in Figure 47.
AD7915/
AD7916
SCK
SDO
CNV
SPI_CLK
SPI_MISO
SPI_MOSI
DSP
Figure 47. Typical Connection to Blackfin SPI Interface
Similarly, the SPORT interface can be used to interface to this
ADC. The SPORT interface has some benefits in that it can use
direct memory access (DMA) and provides a lower jitter CNV
signal generated from a hardware counter.
Some glue logic may be required between SPORT and the
AD7915/AD7916 interface. The evaluation board for the
AD7915/AD7916 interfaces directly to the SPORT of the
Blackfin-based (ADSP-BF527) SDP board. The configuration
used for the SPORT interface requires the addition of some glue
logic as shown in Figure 48. The SCK input to the ADC was
gated off when CNV was high to keep the SCK line static while
converting the data, thereby ensuring the best integrity of the
result. This approach uses an AND gate and a NOT gate for the
SCK path. The other logic gates used on the RSCLK and RFS
paths are for delay matching purposes and may not be
necessary when path lengths are short.
This is one approach to using the SPORT interface for this
ADC; there may be other solutions similar to this approach.
LAYOUT
Design the printed circuit board that houses the AD7915/
AD7916 so that the analog and digital sections are separated
and confined to certain areas of the board. The pinout of the
AD7915/AD7916, with its analog signals on the left side and its
digital signals on the right side, eases this task.
Avoid running digital lines under the device because these
couple noise onto the die, unless a ground plane under the
AD7915/AD7916 is used as a shield. Do not run fast switching
signals, such as CNV or clocks, near analog signal paths. Avoid
crossover of digital and analog signals.
Using at least one ground plane is recommended. It can be
common or split between the digital and analog sections. In the
latter case, join the planes underneath the AD7915/AD7916
devices.
The AD7915/AD7916 voltage reference input, REF, has a
dynamic input impedance. Decouple REF with minimal
parasitic inductances by placing the reference decoupling
ceramic capacitor close to, but ideally right up against, the REF
and GND pins and connecting them with wide, low impedance
traces.
Finally, decouple the power supplies of the AD7915/AD7916,
VDD and VIO, with ceramic capacitors, typically 100 nF, placed
close to the AD7915/AD7916 and connected using short, wide
traces to provide low impedance paths and to reduce the effect
of glitches on the power supply lines.
An example of a layout following these rules is shown in
Figure 49 and Figure 50.
SCK
SDO
CNV
TSCLK
DR
TFS
RFS
RSCLK
VDRIVE
AD7915/
AD7916
DSP
Figure 48. Evaluation Board Connection to Blackfin Sport Interface


Similar Part No. - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
885Kb / 41P
   3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
2Mb / 32P
   EVAL-AD7903SDZ User Guide UG-609
REV. 0
More results

Similar Description - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7686 AD-AD7686_15 Datasheet
507Kb / 28P
   16-Bit, 500 kSPS PulSAR
REV. C
AD4022 AD-AD4022 Datasheet
1Mb / 39P
   20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD4695 AD-AD4695 Datasheet
1Mb / 96P
   16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
   16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4680 AD-AD4680 Datasheet
427Kb / 29P
   Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
AD4684 AD-AD4684 Datasheet
1Mb / 32P
   1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
Rev. 0
logo
Microchip Technology
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
   1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com