Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACT899 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT899
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT899 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button 54ACT899 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 8Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 9Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 10Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 11Page - National Semiconductor (TI) 54ACT899 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AC Operating Requirements
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 8)
C
L = 50 pF
Guaranteed
Minimum
t
s
Setup Time, HIGH or LOW
5.0
3.0
ns
Figures
11, 12
A
n,Bn, PAR to LEA, LEB
t
h
Hold Time, HIGH or LOW
5.0
3.0
ns
Figures
11, 12
A
n,Bn, PAR to LEA, LEB
t
w
Pulse Width for LEB, LEA
5.0
4.0
ns
Figure 13
Note 8: Voltage Range 5.0 = 5.0V ±0.5V.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = 5.0V
C
PD
Power Dissipation
210
pF
V
CC = 5.0V
Capacitance
www.national.com
10


Similar Part No. - 54ACT899

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899QCQB NSC-54ACT899QCQB Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899QCX NSC-54ACT899QCX Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899QMQB NSC-54ACT899QMQB Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899QMX NSC-54ACT899QMX Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
More results

Similar Description - 54ACT899

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com