Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-SDP-CB1Z Datasheet(PDF) 61 Page - Analog Devices

Part # EVAL-SDP-CB1Z
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-SDP-CB1Z Datasheet(HTML) 61 Page - Analog Devices

Back Button EVAL-SDP-CB1Z Datasheet HTML 57Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 58Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 59Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 60Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 61Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 62Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 63Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 64Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
Data Sheet
AD7124-4
Rev. A | Page 61 of 90
Figure 109. Simultaneous 50 Hz and 60 Hz Rejection
POST FILTERS
The post filters provide rejection of 50 Hz and 60 Hz
simultaneously and allow the user to trade off settling time and
rejection. These filters can operate up to 27.27 SPS or can reject
up to 90 dB of 50 Hz ± 1 Hz and 60 Hz ± 1 Hz interference. These
filters are realized by post filtering the output of the sinc3 filter.
The filter bits must be set to all 1s to enable the post filter. The post
filter option to use is selected using the POST_FILTER bits in the
filter register. In Figure 110, the blocks shown in gray are unused.
Figure 110. Post Filters
Table 61 shows the output data rates with the accompanying
settling times and the rejection.
When continuously converting on a single channel, the first
conversion requires a time of tSETTLE. Subsequent conversions
occur at 1/fADC. When multiple channels are enabled (either
manually or using the sequencer), the settling time is required
to generate a valid conversion on each enabled channel.
Table 61. AD7124-4 Post Filters: Output Data Rate, Settling Time (tSETTLE), and Rejection
Output Data
Rate (SPS)
f3dB
(Hz)
tSETTLE, Full Power
Mode (ms)
tSETTLE, Mid Power
Mode (ms)
tSETTLE, Low Power
Mode (ms)
Simultaneous Rejection of 50 Hz ± 1 Hz
and 60 Hz ± 1 Hz (dB)1
27.27
17.28
38.498
38.998
39.662
47
25
15.12
41.831
42.331
42.995
62
20
13.38
51.831
52.331
52.995
86
16.67
12.66
61.831
62.331
62.995
92
1
Stable master clock used.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
SINC3/SINC4
FILTER
MODULATOR
AVERAGING
BLOCK
POST
FILTER


Similar Part No. - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
885Kb / 41P
   3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
2Mb / 32P
   EVAL-AD7903SDZ User Guide UG-609
REV. 0
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
More results

Similar Description - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com