Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-SDP-CB1Z Datasheet(PDF) 37 Page - Analog Devices

Part # EVAL-SDP-CB1Z
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-SDP-CB1Z Datasheet(HTML) 37 Page - Analog Devices

Back Button EVAL-SDP-CB1Z Datasheet HTML 33Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 34Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 35Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 36Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 37Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 38Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 39Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 40Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
Data Sheet
AD7124-4
Rev. A | Page 37 of 90
Serial Interface
The AD7124-4 has a 3-wire or 4-wire SPI. The on-chip registers
are accessed via the serial interface.
Clock
The device has an internal 614.4 kHz clock. Use either this
clock or an external clock as the clock source for the device. The
internal clock can also be made available on a pin if a clock
source is required for external circuitry.
Temperature Sensor
The on-chip temperature sensor monitors the die temperature.
Digital Outputs
The AD7124-4 has two general-purpose digital outputs. These
can be used for driving external circuitry. For example, an
external multiplexer can be controlled by these outputs.
Calibration
Both internal calibration and system calibration are included on
chip; therefore, the user has the option of removing offset or
gain errors internal to the device only, or removing the offset or
gain errors of the complete end system.
Excitation Currents
The device contains two excitation currents which can be set
independently to 50 μA, 100 μA, 250 μA, 500 μA, 750 μA, or 1 mA.
Bias Voltage
A bias voltage generator is included on chip so that signals from
thermocouples can be biased suitably. The bias voltage is set to
AVDD/2 and can be made available on any input. It can supply
multiple channels.
Bridge Power Switch (PSW)
A low-side power switch allows the user to power down bridges
that are interfaced to the ADC.
Diagnostics
The AD7124-4 includes numerous diagnostics features such as
Reference detection
Overvoltage/undervoltage detection
CRC on SPI communications
CRC on the memory map
SPI read/write checks
These diagnostics allow a high level of fault coverage in an
application.
POWER SUPPLIES
The AD7124-4 operates with an analog power supply voltage
from 2.7 V to 3.6 V in low or mid power mode and from 2.9 V
to 3.6 V in full power mode. The device accepts a digital power
supply from 1.65 V to 3.6 V.
The device has two independent power supply pins: AVDD and
IOVDD.
AVDD is referred to AVSS. AVDD powers the internal analog
regulator that supplies the ADC.
IOVDD is referred to DGND. This supply sets the interface
logic levels on the SPI interface and powers an internal
regulator for operation of the digital processing.
Single Supply Operation (AVSS = DGND)
When the AD7124-4 is powered from a single supply that is
connected to AVDD, AVSS and DGND can be shorted together
on one single ground plane. With this setup, an external level
shifting circuit is required when using truly bipolar inputs to shift
the common-mode voltage. Recommended regulators include
the ADP162, which has a low quiescent current.
Split Supply Operation (AVSS ≠ DGND)
The AD7124-4 can operate with AVSS set to a negative voltage,
allowing true bipolar inputs to be applied. This allows a truly
fully differential input signal centered around 0 V to be applied
to the AD7124-4 without the need for an external level shifting
circuit. For example, with a 3.6 V split supply, AVDD = +1.8 V
and AVSS = −1.8 V. In this use case, the AD7124-4-internally
level shifts the signals, allowing the digital output to function
between DGND (nominally 0 V) and IOVDD.
When using a split supply for AVDD and AVSS, the absolute
maximum ratings must be considered (see the Absolute
Maximum Ratings section). Ensure that IOVDD is set below
3.6 V to stay within the absolute maximum ratings for the device.
DIGITAL COMMUNICATION
The AD7124-4 has a 3-wire or 4-wire SPI interface that is
compatible with QSPI™, MICROWIRE™, and DSPs. The interface
operates in SPI Mode 3 and can be operated with CS tied low. In
SPI Mode 3, SCLK idles high, the falling edge of SCLK is the
drive edge, and the rising edge of SCLK is the sample edge. This
means that data is clocked out on the falling/drive edge and data
is clocked in on the rising/sample edge.
Figure 66. SPI Mode 3, SCLK Edges
Accessing the ADC Register Map
The communications register controls access to the full register
map of the ADC. This register is an 8-bit, write only register.
On power-up or after a reset, the digital interface defaults to a
state where it expects a write to the communications register;
therefore, all communication begins by writing to the
communications register.
DRIVE EDGE
SAMPLE EDGE


Similar Part No. - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
885Kb / 41P
   3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
2Mb / 32P
   EVAL-AD7903SDZ User Guide UG-609
REV. 0
More results

Similar Description - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com