Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5676RACPZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # AD5676RACPZ-RL
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676RACPZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5676RACPZ-RL Datasheet HTML 7Page - Analog Devices AD5676RACPZ-RL Datasheet HTML 8Page - Analog Devices AD5676RACPZ-RL Datasheet HTML 9Page - Analog Devices AD5676RACPZ-RL Datasheet HTML 10Page - Analog Devices AD5676RACPZ-RL Datasheet HTML 11Page - Analog Devices AD5676RACPZ-RL Datasheet HTML 12Page - Analog Devices AD5676RACPZ-RL Datasheet HTML 13Page - Analog Devices AD5676RACPZ-RL Datasheet HTML 14Page - Analog Devices AD5676RACPZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Data Sheet
AD5672R/AD5676R
Rev. B | Page 11 of 34
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VLOGIC to GND
−0.3 V to +7 V
VOUTx to GND
−0.3 V to VDD + 0.3 V
VREF to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to VLOGIC + 0.3 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
125°C
Reflow Soldering Peak Temperature,
Pb-Free (J-STD-020)
260°C
ESD Ratings
Human Body Model (HBM)
2 kV
Field-Induced Charged Device Model
(FICDM)
1.5 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
The design of the thermal board requires close attention. Thermal
resistance is highly impacted by the printed circuit board (PCB)
being used, layout, and environmental conditions.
Table 8. Thermal Resistance
Package Type
θJA
θJB
θJC
ΨJT
ΨJB
Unit
20-Lead TSSOP
(RU-20)1
98.65
44.39
17.58
1.77
43.9
°C/W
20-Lead LFCSP
(CP-20-8)2
82
16.67
32.5
0.43
22
°C/W
1
Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board. See JEDEC JESD51
2
Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board with nine thermal vias. See JEDEC JESD51.
ESD CAUTION


Similar Part No. - AD5676RACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5676R AD-AD5676R Datasheet
1Mb / 28P
   Easy implementation
More results

Similar Description - AD5676RACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com