Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8645BD-B-IS Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI8645BD-B-IS
Description  Low-Power Quad-Channel Digital Isolators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8645BD-B-IS Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI8645BD-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8645BD-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8645BD-B-IS Datasheet HTML 9Page - Silicon Laboratories SI8645BD-B-IS Datasheet HTML 10Page - Silicon Laboratories SI8645BD-B-IS Datasheet HTML 11Page - Silicon Laboratories SI8645BD-B-IS Datasheet HTML 12Page - Silicon Laboratories SI8645BD-B-IS Datasheet HTML 13Page - Silicon Laboratories SI8645BD-B-IS Datasheet HTML 14Page - Silicon Laboratories SI8645BD-B-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Si8641Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
1.4
2.3
5.2
3.6
2.2
3.7
7.8
5.4
mA
Si8642Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
1.8
1.8
4.4
4.4
2.9
2.9
6.6
6.6
mA
1 Mbps Supply Current (All Inputs = 500 kHz Square Wave, CI = 15 pF on All Outputs)
Si8640Bx, Ex, Si8645Bx
VDD1
VDD2
3.6
2.9
5.0
4.0
mA
Si8641Bx, Ex
VDD1
VDD2
3.4
3.3
4.8
4.6
mA
Si8642Bx, Ex
VDD1
VDD2
3.3
3.3
4.6
4.6
mA
10 Mbps Supply Current (All Inputs = 5 MHz Square Wave, CI = 15 pF on All Outputs)
Si8640Bx, Ex, Si8645Bx
VDD1
VDD2
3.6
4.0
5.0
5.6
mA
Si8641Bx, Ex
VDD1
VDD2
3.7
4.1
5.2
5.8
mA
Si8642Bx, Ex
VDD1
VDD2
3.9
3.9
5.4
5.4
mA
100 Mbps Supply Current (All Inputs = 50 MHz Square Wave, CI = 15 pF on All Outputs)
Si8640Bx, Ex, Si8645Bx
VDD1
VDD2
3.6
17.5
5.0
22.8
mA
Si864x Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.9 | 10


Similar Part No. - SI8645BD-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8645BD-B-IS SILABS-Si8645BD-B-IS Datasheet
840Kb / 42P
   High-speed operation
logo
Skyworks Solutions Inc.
SI8645BD-B-IS SKYWORKS-SI8645BD-B-IS Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

Similar Description - SI8645BD-B-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI864X SKYWORKS-SI864X Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com