Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8631ET-IS Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI8631ET-IS
Description  Low-Power Triple-Channel Digital Isolators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8631ET-IS Datasheet(HTML) 2 Page - Silicon Laboratories

  SI8631ET-IS Datasheet HTML 1Page - Silicon Laboratories SI8631ET-IS Datasheet HTML 2Page - Silicon Laboratories SI8631ET-IS Datasheet HTML 3Page - Silicon Laboratories SI8631ET-IS Datasheet HTML 4Page - Silicon Laboratories SI8631ET-IS Datasheet HTML 5Page - Silicon Laboratories SI8631ET-IS Datasheet HTML 6Page - Silicon Laboratories SI8631ET-IS Datasheet HTML 7Page - Silicon Laboratories SI8631ET-IS Datasheet HTML 8Page - Silicon Laboratories SI8631ET-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1. Ordering Guide
Table 1.1. Ordering Guide for Valid OPNs1, 2
Ordering Part Number (OPN) Number of
Inputs
VDD1 Side
Number of
Inputs
VDD2 Side
Max Data
Rate
(Mbps)
Default
Output
State
Isolation
Rating
(kVrms)
Temp Range (°C)
Package
Si8630BB-B-IS
3
0
150
Low
2.5
–40 to +125 °C
WB SOIC-16
Si8630BB-B-IS1
3
0
150
Low
2.5
–40 to +125 °C
NB SOIC-16
Si8630BC-B-IS1
3
0
150
Low
3.75
–40 to +125 °C
NB SOIC-16
Si8630EC-B-IS1
3
0
150
High
3.75
–40 to +125 °C
NB SOIC-16
Si8630BD-B-IS
3
0
150
Low
5.0
–40 to +125 °C
WB SOIC-16
Si8630ED-B-IS
3
0
150
High
5.0
–40 to +125 °C
WB SOIC-16
Si8631BB-B-IS
2
1
150
Low
2.5
–40 to +125 °C
WB SOIC-16
Si8631BB-B-IS1
2
1
150
Low
2.5
–40 to +125 °C
NB SOIC-16
Si8631BC-B-IS1
2
1
150
Low
3.75
–40 to +125 °C
NB SOIC-16
Si8631EC-B-IS1
2
1
150
High
3.75
–40 to +125 °C
NB SOIC-16
Si8631BD-B-IS
2
1
150
Low
5.0
–40 to +125 °C
WB SOIC-16
Si8631ED-B-IS
2
1
150
High
5.0
–40 to +125 °C
WB SOIC-16
Si8635BB-B-IS
3
0
150
Low
2.5
–40 to +125 °C
WB SOIC-16
Si8635BC-B-IS1
3
0
150
Low
3.75
–40 to +125 °C
NB SOIC-16
Si8635BD-B-IS
3
0
150
Low
5.0
–40 to +125 °C
WB SOIC-16
Product Options with Reinforced VDE 0884-10 Rating with 10 kV Surge Capability
Si8630BT-IS
3
0
150
Low
5.0
–40 to +125 °C
WB SOIC-16
Si8630ET-IS
3
0
150
High
5.0
–40 to +125 °C
WB SOIC-16
Si8631BT-IS
2
1
150
Low
5.0
–40 to +125 °C
WB SOIC-16
Si8631ET-IS
2
1
150
High
5.0
–40 to +125 °C
WB SOIC-16
Si8635BT-IS
3
0
150
Low
5.0
–40 to +125 °C
WB SOIC-16
Si8635ET-IS
3
0
150
High
5.0
–40 to +125 °C
WB SOIC-16
Note:
1. All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard classifica-
tions and peak solder temperatures.
2. “Si” and “SI” are used interchangeably.
Si8630/31/35 Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.6 | 1


Similar Part No. - SI8631ET-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8631ET-IS SKYWORKS-SI8631ET-IS Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
More results

Similar Description - SI8631ET-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8630 SKYWORKS-SI8630 Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
logo
Texas Instruments
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_08 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com