Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8622BB-B-IS Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI8622BB-B-IS
Description  Low-Power Single and Dual-Channel Digital Isolators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8622BB-B-IS Datasheet(HTML) 2 Page - Silicon Laboratories

  SI8622BB-B-IS Datasheet HTML 1Page - Silicon Laboratories SI8622BB-B-IS Datasheet HTML 2Page - Silicon Laboratories SI8622BB-B-IS Datasheet HTML 3Page - Silicon Laboratories SI8622BB-B-IS Datasheet HTML 4Page - Silicon Laboratories SI8622BB-B-IS Datasheet HTML 5Page - Silicon Laboratories SI8622BB-B-IS Datasheet HTML 6Page - Silicon Laboratories SI8622BB-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8622BB-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8622BB-B-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
1. Ordering Guide
Table 1.1. Ordering Guide for Valid OPNs1, 2
Ordering Part
Number (OPN)
Number of
Inputs
VDD1 Side
Number of
Inputs
VDD2 Side
Max Data Rate
(Mbps)
Default
Output
State
Isolation
Rating (kV)
Temp (C)
Package
Si8610BB-B-IS
1
0
150
Low
2.5
–40 to 125 °C
SOIC-8
Si8610BC-B-IS
1
0
150
Low
3.75
–40 to 125 °C
SOIC-8
Si8610EC-B-IS
1
0
150
High
3.75
–40 to 125 °C
SOIC-8
Si8610BD-B-IS
1
0
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8610ED-B-IS
1
0
150
High
5.0
–40 to 125 °C
WB SOIC-16
Si8620BB-B-IS
2
0
150
Low
2.5
–40 to 125 °C
SOIC-8
Si8620EB-B-IS
2
0
150
High
2.5
–40 to 125 °C
SOIC-8
Si8620BC-B-IS
2
0
150
Low
3.75
–40 to 125 °C
SOIC-8
Si8620EC-B-IS
2
0
150
High
3.75
–40 to 125 °C
SOIC-8
Si8620BD-B-IS
2
0
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8620ED-B-IS
2
0
150
High
5.0
–40 to 125 °C
WB SOIC-16
Si8621BB-B-IS
1
1
150
Low
2.5
–40 to 125 °C
SOIC-8
Si8621BC-B-IS
1
1
150
Low
3.75
–40 to 125 °C
SOIC-8
Si8621EC-B-IS
1
1
150
High
3.75
–40 to 125 °C
SOIC-8
Si8621BD-B-IS
1
1
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8621ED-B-IS
1
1
150
High
5.0
–40 to 125 °C
WB SOIC-16
Si8622BB-B-IS
1
1
150
Low
2.5
–40 to 125 °C
SOIC-8
Si8622EB-B-IS
1
1
150
High
2.5
–40 to 125 °C
SOIC-8
Si8622BC-B-IS
1
1
150
Low
3.75
–40 to 125 °C
SOIC-8
Si8622EC-B-IS
1
1
150
High
3.75
–40 to 125 °C
SOIC-8
Si8622BD-B-IS
1
1
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8622ED-B-IS
1
1
150
High
5.0
–40 to 125 °C
WB SOIC-16
Product Options with Reinforced VDE 0884-10 Rating with 10 kV Surge Capability
Si8620BT-IS
2
0
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8620ET-IS
2
0
150
High
5.0
–40 to 125 °C
WB SOIC-16
Si8621BT-IS
1
1
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8621ET-IS
1
1
150
High
5.0
–40 to 125 °C
WB SOIC-16
Si8622BT-IS
1
1
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8622ET-IS
1
1
150
High
5.0
–40 to 125 °C
WB SOIC-16
Note:
1. All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard classifica-
tions and peak solder temperatures.
2. “Si” and “SI” are used interchangeably.
Si861x/2x Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.6 | 1


Similar Part No. - SI8622BB-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8622BB-B-IS SILABS-Si8622BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8622BB-B-IS SKYWORKS-SI8622BB-B-IS Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
More results

Similar Description - SI8622BB-B-IS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com