Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8610AB-B-IS Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI8610AB-B-IS
Description  1MBPS, 2.5KVRMS DIGITAL ISOLATORS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8610AB-B-IS Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI8610AB-B-IS Datasheet HTML 3Page - Silicon Laboratories SI8610AB-B-IS Datasheet HTML 4Page - Silicon Laboratories SI8610AB-B-IS Datasheet HTML 5Page - Silicon Laboratories SI8610AB-B-IS Datasheet HTML 6Page - Silicon Laboratories SI8610AB-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8610AB-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8610AB-B-IS Datasheet HTML 9Page - Silicon Laboratories SI8610AB-B-IS Datasheet HTML 10Page - Silicon Laboratories SI8610AB-B-IS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Rev. 1.0
7
Si86xx
1 Mbps Supply Current (All inputs = 500 kHz square wave, CI = 15 pF on all Outputs)
Si8610Ax
VDD1
VDD2
1.2
0.9
2.0
1.5
mA
Si8620Ax
VDD1
VDD2
2.1
1.6
3.1
2.4
mA
Si8621Ax
VDD1
VDD2
1.9
1.9
2.9
2.9
mA
Si8630Ax
VDD1
VDD2
2.8
2.2
3.9
3.1
mA
Si8631Ax
VDD1
VDD2
2.7
2.6
3.8
3.6
mA
Si8640Ax
VDD1
VDD2
3.6
2.9
5.0
4.0
mA
Si8641Ax
VDD1
VDD2
3.4
3.3
4.8
4.6
mA
Si8642Ax
VDD1
VDD2
3.3
3.3
4.6
4.6
mA
Si8650Ax
VDD1
VDD2
4.1
3.7
5.7
5.2
mA
Si8651Ax
VDD1
VDD2
4.2
3.8
5.8
5.3
mA
Si8652Ax
VDD1
VDD2
4.0
4.0
5.6
5.6
mA
Si8660Ax
VDD1
VDD2
5.0
4.2
7.0
5.9
mA
Si8661Ax
VDD1
VDD2
4.9
4.6
6.9
6.4
mA
Table 2. Electrical Characteristics (Continued)
(VDD1 =5V±10%, VDD2 =5V±10%, TA = –40 to 125 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2.
tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3.
Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - SI8610AB-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8610AB-B-IS SILABS-SI8610AB-B-IS Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Skyworks Solutions Inc.
SI8610AB-B-IS SKYWORKS-SI8610AB-B-IS Datasheet
664Kb / 47P
   1 Mbps, 2.5 kVRMS Digital Isolators
Revision 1.03
SI8610AB-B-IS SKYWORKS-SI8610AB-B-IS Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
More results

Similar Description - SI8610AB-B-IS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
logo
List of Unclassifed Man...
IL610 ETC-IL610 Datasheet
840Kb / 14P
   Passive Input Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com