Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8236 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI8236
Description  0.5 AND 4.0 AMP ISODRIVERS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8236 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI8236 Datasheet HTML 4Page - Silicon Laboratories SI8236 Datasheet HTML 5Page - Silicon Laboratories SI8236 Datasheet HTML 6Page - Silicon Laboratories SI8236 Datasheet HTML 7Page - Silicon Laboratories SI8236 Datasheet HTML 8Page - Silicon Laboratories SI8236 Datasheet HTML 9Page - Silicon Laboratories SI8236 Datasheet HTML 10Page - Silicon Laboratories SI8236 Datasheet HTML 11Page - Silicon Laboratories SI8236 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Si823x
8
Rev. 1.7
AC Specifications
Minimum Pulse Width
10
ns
Propagation Delay
tPHL, tPLH
CL = 200 pF
30
60
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
5.60
ns
Minimum Overlap Time2
TDD
DT = VDDI, No-Connect
0.4
ns
Programmed Dead Time3
DT
Figure 42, RDT = 100 k
900
ns
Figure 42, RDT = 6 k
70
ns
Output Rise and Fall Time
tR,tF
CL = 200 pF (Si8230/1/2/7)
20
ns
CL = 200 pF (Si8233/4/5/6/8)
12
ns
Shutdown Time from
Disable True
tSD
——
60
ns
Restart Time from
Disable False
tRESTART
——
60
ns
Device Start-up Time
tSTART
Time from VDD_ = VDD_UV+
to VOA, VOB = VIA, VIB
——
40
µs
Common Mode
Transient Immunity
CMTI
VIA, VIB, PWM = VDDI or 0 V
VCM = 1500 V (see Figure 6)
20
45
kV/µs
Table 1. Electrical Characteristics1 (Continued)
2.7 V < VDDI < 5.5 V, VDDA = VDDB = 12 V or 15 V. TA = –40 to +125 °C. Typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. VDDA = VDDB = 12 V for 5, 8, and 10 V UVLO devices; VDDA = VDDB = 15 V for 12.5 V UVLO devices.
2. TDD is the minimum overlap time without triggering overlap protection (Si8230/1/3/4 only).
3. The largest RDT resistor that can be used is 220 k
..


Similar Part No. - SI8236

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8236AA-C-IM SILABS-Si8236AA-C-IM Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
Si8236BA-C-IM SILABS-Si8236BA-C-IM Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
More results

Similar Description - SI8236

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com