Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8261 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI8261
Description  LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USERS GUIDE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8261 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI8261 Datasheet HTML 1Page - Silicon Laboratories SI8261 Datasheet HTML 2Page - Silicon Laboratories SI8261 Datasheet HTML 3Page - Silicon Laboratories SI8261 Datasheet HTML 4Page - Silicon Laboratories SI8261 Datasheet HTML 5Page - Silicon Laboratories SI8261 Datasheet HTML 6Page - Silicon Laboratories SI8261 Datasheet HTML 7Page - Silicon Laboratories SI8261 Datasheet HTML 8Page - Silicon Laboratories SI8261 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Si826x-EVB
Rev. 0.1
5
3.1. Board Jumper Settings
To run the demo, follow the instructions below. Review Figure 5 and Figures 11 through 14 if necessary.
1. Ensure that JP1 and JP6 are installed as shown in Figure 1, 2, 3, or 4.
3.2. DC Supply Configuration
1. Turn OFF the dc power supply and ensure that the output voltage is set to its lowest output voltage.
2. Connect the banana ends of the black and red banana to clip terminated wires to the outputs of the dc
supply.
3. Then, connect the clip end of the red and black banana to clip wires to P2. The red wire goes to Pin1. The
black wire goes to Pin3.
4. Turn ON the dc power supply.
5. Adjust the dc power supply to provide 15 V on its output.
6. Ensure that the current draw is less than 25 mA. If it is larger, this indicates that either the board or Si826x
has been damaged or the supply is connected backwards.
3.3. Wave Form Generator
1. Turn ON the arbitrary waveform generator with the output disengaged.
2. Adjust its output to provide a 500 kHz, 0 to 5 V peak square wave (50 percent duty cycle) to its output.
3. Split the output of the generator with a BNC splitter.
4. From the BNC splitter, connect a coaxial cable to CH1 of the scope. This will be the input.
5. Connect a second coaxial cable to the BNC splitter, and connect a BNC-to-clip converter to the end of the
coaxial cable.
6. From here, connect the clip ends of the BNC-to-clip converter to P1, Pin1 (red wire here) and Pin3 (black
wire here). The positive terminal is Pin1 on P1.
7. Connect one end of a third coaxial cable to a BNC-to-clip converter (note that a scope probe can be used
here instead).
8. From here, connect the clip end of the BNC-to-clip converter to P2, Pin2 (red wire here) and Pin3 (black
wire here). Vo is on P2 Pin2.
9. Connect the other end of the coaxial cable to CH2 of the oscilloscope. This will be the output.
10. Engage the output of the waveform generator.
3.4. Oscilloscope Setup
1. Turn ON the oscilloscope.
2. Set the scope to Trigger on CH1 and adjust the trigger level to 1 V minimum.
3. Set CH1 to 2 V per division. Set CH2 to 5 V per division.
4. Adjust the seconds/division setting to 250 ns/division.
5. Adjust the level indicator for all channels to properly view each channel as shown in Figure 6.
A 500 kHz square wave should display on Channel 1 of the scope for the input and a slightly delayed 5 V version of
this square wave should display the output on Channel 2, as shown in Figure 6. This concludes the basic demo.
For more advanced demos, see the following section.


Similar Part No. - SI8261

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8261AAC-C-IP SKYWORKS-SI8261AAC-C-IP Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI8261AAC-C-IS SKYWORKS-SI8261AAC-C-IS Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
SI8261AAD-C-IS SKYWORKS-SI8261AAD-C-IS Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
SI8261ABC-C-IP SKYWORKS-SI8261ABC-C-IP Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
More results

Similar Description - SI8261

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI826X-EVB SILICONIMAGE-SI826X-EVB Datasheet
446Kb / 18P
   Si826X LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USER?셎 GUIDE
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
SI8710 SILABS-SI8710 Datasheet
1Mb / 20P
   EVALUATION BOARD USERS GUIDE
SI3462-EVB SILABS-SI3462-EVB Datasheet
1Mb / 32P
   EVALUATION BOARD USERS GUIDE
SI8232 SILABS-SI8232 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
logo
Silicon image
SI87XX-EVB SILICONIMAGE-SI87XX-EVB Datasheet
323Kb / 20P
   Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
logo
Analog Devices
82-000225-01 AD-82-000225-01 Datasheet
354Kb / 34P
   ICE-100B Emulator Users Guide
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com