Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7022-A20 Datasheet(PDF) 17 Page - Silicon Laboratories

Part # SI7022-A20
Description  HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7022-A20 Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button SI7022-A20 Datasheet HTML 13Page - Silicon Laboratories SI7022-A20 Datasheet HTML 14Page - Silicon Laboratories SI7022-A20 Datasheet HTML 15Page - Silicon Laboratories SI7022-A20 Datasheet HTML 16Page - Silicon Laboratories SI7022-A20 Datasheet HTML 17Page - Silicon Laboratories SI7022-A20 Datasheet HTML 18Page - Silicon Laboratories SI7022-A20 Datasheet HTML 19Page - Silicon Laboratories SI7022-A20 Datasheet HTML 20Page - Silicon Laboratories SI7022-A20 Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Si7022-A20
Rev. 1.1
17
6. Pin Descriptions: Si7022 (Top View)
Pin Name
Pin #
Pin Description
PWM1
1
Pulse width modulated output #1
GND
2
Ground. This pin is connected to ground on the circuit board through a trace. Do not
connect directly to GND plane.
DNC
3
This pin should be soldered to pads on the PCB for mechanical stability. It can be
electrically floating or tied to VDD (do not tie to GND).
PWM2
4
Pulse width modulated output #2
VDD
5
Power. This pin is connected to power on the circuit board.
SELECT
6
Digital input that toggles between RH and temperature outputs on PWM1 and PWM2.
This pin should be pulled high or low (do not leave floating).
TGND
Paddle
This pad is connected to GND internally. This pad is the main thermal input to the on-
chip temperature sensor. The paddle should be soldered to a floating pad.


Similar Part No. - SI7022-A20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7022-A20-IM SILABS-Si7022-A20-IM Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-IM1 SILABS-Si7022-A20-IM1 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-IM1R SILABS-Si7022-A20-IM1R Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-IMR SILABS-Si7022-A20-IMR Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-YM SILABS-Si7022-A20-YM Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - SI7022-A20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7007-A20 SILABS-SI7007-A20 Datasheet
966Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7023-A20 SILABS-SI7023-A20 Datasheet
964Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7007-A20-IM1 SILABS-SI7007-A20-IM1 Datasheet
1Mb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Rev. 1.4 8/16
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
logo
List of Unclassifed Man...
SHT11 ETC-SHT11 Datasheet
840Kb / 9P
   Humidity & Temperature Sensor
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
   Humidity & Temperature Sensor
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
Renesas Technology Corp
HS4001 RENESAS-HS4001 Datasheet
1Mb / 27P
   High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
logo
Seiko Instruments Inc
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
S-5855AACA-I4T1U SII-S-5855AACA-I4T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com