Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7013EVB-UDP Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI7013EVB-UDP
Description  Si7013EVB-UDP/Si7013EVB-UDP-F960 Users Guide
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7013EVB-UDP Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI7013EVB-UDP Datasheet HTML 3Page - Silicon Laboratories SI7013EVB-UDP Datasheet HTML 4Page - Silicon Laboratories SI7013EVB-UDP Datasheet HTML 5Page - Silicon Laboratories SI7013EVB-UDP Datasheet HTML 6Page - Silicon Laboratories SI7013EVB-UDP Datasheet HTML 7Page - Silicon Laboratories SI7013EVB-UDP Datasheet HTML 8Page - Silicon Laboratories SI7013EVB-UDP Datasheet HTML 9Page - Silicon Laboratories SI7013EVB-UDP Datasheet HTML 10Page - Silicon Laboratories SI7013EVB-UDP Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Si7013EVB-UDP Si7013EVB-UDP-F960
Rev. 0.2
7
demo software avoids floating point numbers by using deci-units.
A deci-unit is one tenth of a unit. The Sensor_ReadHumidity() routine returns the humidity in deci-percent RH and
the Sensor_ReadTemperature() routine returns the temperature in deci-degrees Celsius. For example, 43.7
percent RH is 437 deci-percent RH. Likewise, 25.4 degrees Celsius is 254 deci-degrees Celsius.
The demo software uses equations that are derived from the equations in the Si7013 data sheet. The derived
equations are modified to use deci-units.
3.1.2.3. Power Management
The Power Management component is implemented in a single file called PowerManagement.c and contains the
routines, LPM_Enable_Wakeup() and LPM_Disable_Wakeup(), for entering and exiting low-power modes. These
routines configure which events will wake up the MCU from low-power mode (LPM).
The LPM() routine puts the MCU into the specified low-power mode. The MCU remains in the low-power mode
until one of the configured wake up events occurs. When the MCU wakes up, then the LPM() routine examines the
MCU registers to determine which event caused the wake up and sets the appropriate WakeUp global variable.
The LPM() routine then returns to the caller. The caller may examine the WakeUp global variables to find out which
event caused the wake up.
3.1.2.4. Real Time Clock
The Real Time Clock (RTC) component uses the SmaRTClock peripheral to wake up the MCU from low-power
modes.
The Real Time Clock component is implemented in a single file called SmaRTClock.c.
The Real Time Clock component contains the RTC_Read() and RTC_Write() routines for reading and writing RTC
registers. RTC registers are not MCU Special Function Registers (SFRs), but must be accessed indirectly using
the SFRs. The RTC_Read() and RTC_Write() routines perform the indirect reads and writes of the RTC registers.
The RTC timer can be read and written with the RTC_CapureTimer() routine and the RTC_SetTimer() routine. The
RTC timer is a 32-bit counter, which increments at a 32.768 kHz rate. The RTC timer continues to increment when
the MCU is in low-power mode.
The RTC_WriteAlarm() and RTC_ReadAlarm() routines allows RTC alarms to the written and read. When the RTC
timer value equals an alarm value, then an RTC alarm event occurs.
3.1.2.5. Tick Counter
The Tick Counter component provides delay and timeout capabilities.
The Tick Counter component is implemented in a single file called Tick.c.
Timer 2 is configured to interrupt once a millisecond. The timer 2 interrupt handler increments an unsigned 16-bit
variable named TickCounter. The tick counter wraps around about every 65 seconds.
The current value of the tick counter is obtained by calling TickCount(). Timeouts are implemented by calling
TickCount() to get a starting time and then repeatedly calling ElapsedTime() to get the number of milliseconds that
have elapsed since the starting time. The Delay() routine does not return until the specified number of milliseconds
have elapsed.
3.1.2.6. Port Match
The Port Match component changes the temperature scale between Celsius and Fahrenheit when the user
presses the SW1 button. In addition, the SW2 button switches the temperature readings between the internal
sensor and the external thermistor.
The Port Match component is implemented in a single file called PortMatch.c.
The SW1 button on the MCU board is connected to bit 0 of Port 0 (P0.0). This bit is high when the button is not
pressed, but when the button is pressed the bit goes low. The SW2 button is connected to bit1 of Port0 (P0.1).
The MCU is configured to generate a port match interrupt when P0.0 or P0.1 goes low. If the MCU is sleeping
when a button is pressed, then the port match event wakes up the MCU and the port match interrupt handler is
called.
When the interrupt handler detects that a button has been pressed, then the interrupt handler reconfigures the port
match to detect when the button is released. This prevents a large number of useless port match interrupts while
the button is held down.


Similar Part No. - SI7013EVB-UDP

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7013EVB-UDP-M3L1 SILABS-SI7013EVB-UDP-M3L1 Datasheet
1Mb / 26P
   Si7013EVB-UDP-M3L1 Users Guide
More results

Similar Description - SI7013EVB-UDP

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7013EVB-UDP-M3L1 SILABS-SI7013EVB-UDP-M3L1 Datasheet
1Mb / 26P
   Si7013EVB-UDP-M3L1 Users Guide
C8051F850-DK-UG SILABS-C8051F850-DK-UG_14 Datasheet
1Mb / 40P
   UDP C8051F850 MCU CARD USER
C8051F850-DK-UG SILABS-C8051F850-DK-UG Datasheet
1Mb / 36P
   UDP C8051F850 MCU CARD USER?셎 GUIDE FOR C8051F85X/86X MCUS
UPIO-M3U1XX SILABS-UPIO-M3U1XX Datasheet
768Kb / 28P
   The Unified Development Platform (UDP) provides a development
C8051F850DK-QS SILABS-C8051F850DK-QS Datasheet
775Kb / 2P
   C8051F85X/86X MCU DEVELOPMENT KIT QUICK-START GUIDE FEATURING THE UNIFIED DEVELOPMENT PLATFORM (UDP)
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
DRV411EVM TI1-DRV411EVM Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
RF430FRL152HEVM TI-RF430FRL152HEVM Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A_15 Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
LM60440AQEVM TI-LM60440AQEVM Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com