Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR402U Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. BCR402U
Description  LED Driver(Supplies stable bias current even at low battery voltage)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR402U Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCR402U Datasheet HTML 1Page - Infineon Technologies AG BCR402U Datasheet HTML 2Page - Infineon Technologies AG BCR402U Datasheet HTML 3Page - Infineon Technologies AG BCR402U Datasheet HTML 4Page - Infineon Technologies AG BCR402U Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCR402U
Feb-03-2004
4
Output current versus supply voltage
Iout = f (VS); Rext = Parameter
VS - Vout = 1.4 V
0
5
10
15
20
25
30
35
40
V
50
VS
-2
10
-1
10
A
open
82 Ohm
39 Ohm
27 Ohm
18 Ohm
Supply current versus supply voltage
IS = f(VS)
TA = Parameter
0
5
10
15
20
25
30
35
40
V
50
VS
0
0.0002
0.0004
0.0006
0.0008
0.001
0.0012
0.0014
0.0016
A
0.002
80°C
20°C
-40°C
Output current versus supply voltage
Iout = ƒ(VS), TA = 20°C
VS -Vout as Parameter
0
5
10
15
20
25
30
35
40
V
50
VS
-2
10
-1
10
A
1V
1.2V-2V
Output current versus supply voltage
Iout = ƒ(VS), VS -Vout = 1.4 V
TA = Parameter
0
5
10
15
20
25
30
35
40
V
50
VS
0
0.005
0.01
0.015
A
0.025
80°C
20°C
-40°C


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn