Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5380-EVB Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI5380-EVB
Description  Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5380-EVB Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI5380-EVB Datasheet HTML 5Page - Silicon Laboratories SI5380-EVB Datasheet HTML 6Page - Silicon Laboratories SI5380-EVB Datasheet HTML 7Page - Silicon Laboratories SI5380-EVB Datasheet HTML 8Page - Silicon Laboratories SI5380-EVB Datasheet HTML 9Page - Silicon Laboratories SI5380-EVB Datasheet HTML 10Page - Silicon Laboratories SI5380-EVB Datasheet HTML 11Page - Silicon Laboratories SI5380-EVB Datasheet HTML 12Page - Silicon Laboratories SI5380-EVB Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
3.3.1 Input Configuration and Terminations
Each of the inputs can be configured as differential or single-ended LVCMOS. The recommended input termination schemes are shown
in the figure below. Standard 50% duty cycle signals must be ac-coupled, while low duty cycle Pulsed CMOS signals can be DC-cou-
pled. Unused inputs can be disabled and left unconnected when not in use.
Standard AC-coupled Single-ended
100
Standard AC-coupled Differential LVPECL
3.3 V, 2.5 V
LVPECL
INx
INxb
INx
50
50
50
Si5380
Si5380
Pulsed CMOS
Standard
Standard
Pulsed CMOS
50
100
Standard AC-coupled Differential LVDS
INx
3.3 V, 2.5 V
LVDS or
CML
50
Si5380
Pulsed CMOS
Standard
INxb
INxb
INxb
3.3 V, 2.5 V, 1.8 V
LVCMOS
Pulsed CMOS DC-coupled Single-ended
3.3 V, 2.5 V, 1.8 V
LVCMOS
INx
Pulsed CMOS
Standard
Si5380
50
R
2
R1
VDD
R1 (Ω)
R2 (Ω)
1.8V
549
442
2.5V
680
324
3.3V
750
243
Resistor values for
fIN_PULSED < 1 MHz
Figure 3.5. Termination of Differential and LVCMOS Input Signals
3.3.2 Manual Input Selection (IN0, IN1, IN2, IN3/FB_IN)
Input clock selection can be made manually using the IN_SEL[1:0] pins or through a register. A register bit determines input selection
as pin selectable or register selectable. The IN_SEL pins are selected by default. If there is no clock signal on the selected input, the
device will automatically enter free-run or holdover mode. When the zero delay mode is enabled, IN3 becomes the feedback input
(FB_IN) and is not available for selection as a clock input.
Table 3.2. Manual Input Selection Using IN_SEL[1:0] Pins
IN_SEL[1:0]
Selected Input
Zero Delay Mode Disabled
Zero Delay Mode Enabled
0
0
IN0
IN0
0
1
IN1
IN1
1
0
IN2
IN2
1
1
IN3
Reserved
Si5380 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.96 | 8


Similar Part No. - SI5380-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
More results

Similar Description - SI5380-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com