Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5380 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # SI5380
Description  Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5380 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button SI5380 Datasheet HTML 28Page - Silicon Laboratories SI5380 Datasheet HTML 29Page - Silicon Laboratories SI5380 Datasheet HTML 30Page - Silicon Laboratories SI5380 Datasheet HTML 31Page - Silicon Laboratories SI5380 Datasheet HTML 32Page - Silicon Laboratories SI5380 Datasheet HTML 33Page - Silicon Laboratories SI5380 Datasheet HTML 34Page - Silicon Laboratories SI5380 Datasheet HTML 35Page - Silicon Laboratories SI5380 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Parameter
Symbol
Min
Typ
Max
Unit
SCLK Rise and Fall Time
Tr/Tf
10
ns
SCLK Period
TC
50
ns
Delay Time, SCLK Fall to SDO
Active
TD1
12.5
ns
Delay Time, SCLK Fall to SDO
TD2
12.5
ns
Delay Time, CSb Rise to SDO
Tri-State
TD3
12.5
ns
Setup Time, CSb to SCLK
TSU1
25
ns
Hold Time, SCLK Fall to CSb
TH1
25
ns
Setup Time, SDI to SCLK Rise
TSU2
12.5
ns
Hold Time, SDI to SCLK Rise
TH2
12.5
ns
Delay Time Between Chip Selects
(CSb)
TCS
1.9
Tc
SCLK
CSb
SDI
SDO
TSU1
TD1
TSU2
TD2
TC
TCS
TD3
TH2
TH1
Figure 5.2. 4-Wire SPI Serial Interface Timing
Table 5.11. SPI Timing Specifications (3-Wire)
Parameter
Symbol
Min
Typ
Max
Unit
SCLK Frequency
fSPI
20
MHz
SCLK Duty Cycle
TDC
40
60
%
SCLK Rise and Fall Time
Tr/Tf
10
ns
SCLK Period
TC
50
ns
Delay Time, SCLK Fall to SDIO Turn-on
TD1
12.5
ns
Delay Time, SCLK Fall to SDIO Next-bit
TD2
12.5
ns
Delay Time, CSb Rise to SDIO Tri-State
TD3
12.5
ns
Setup Time, CSb to SCLK
TSU1
25
ns
Hold Time, SCLK Fall to CSb
TH1
25
ns
Si5380 Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.96 | 31


Similar Part No. - SI5380

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5380 SILABS-SI5380 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380A-D-GM SILABS-Si5380A-D-GM Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
More results

Similar Description - SI5380

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com