Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5321 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5321 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI5321 Datasheet HTML 2Page - Silicon Laboratories SI5321 Datasheet HTML 3Page - Silicon Laboratories SI5321 Datasheet HTML 4Page - Silicon Laboratories SI5321 Datasheet HTML 5Page - Silicon Laboratories SI5321 Datasheet HTML 6Page - Silicon Laboratories SI5321 Datasheet HTML 7Page - Silicon Laboratories SI5321 Datasheet HTML 8Page - Silicon Laboratories SI5321 Datasheet HTML 9Page - Silicon Laboratories SI5321 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Si5321
6
Rev. 2.5
Table 2. DC Characteristics, VDD =3.3 V
(VDD33 =3.3 V ±5%, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current 1
IDD
622.08 MHz In,
19.44 MHz Out
141
155
mA
Supply Current 2
IDD
19.44 MHz In,
622.08 MHz Out
135
145
mA
Power Dissipation Using 3.3 V Supply
Clock Output
PD
19.44 MHz In,
622.08 MHz Out
445
479
mW
Common Mode Input Voltage1,2,3
(CLKIN)
VICM
1.0
1.5
2.0
V
Single-Ended Input Voltage2,3,4
(CLKIN)
VIS
See Figure 1A
200
5004
mVPP
Differential Input Voltage Swing2,3,4
(CLKIN)
VID
See Figure 1B
200
5004
mVPP
Input Impedance
(CLKIN+, CLKIN–)
RIN
—80
k
Differential Output Voltage Swing
(CLKOUT)
VOD
100
 Load
Line-to-Line,
FRQSEL[0:2] = 011
750
825
1100
mVPP
Output Common Mode Voltage
(CLKOUT)
VOCM
100
 Load
Line-to-Line
1.4
1.8
2.2
V
Output Short to GND (CLKOUT)
ISC(–)
–60
mA
Output Short to VDD25 (CLKOUT)
ISC(+)
—15
mA
Input Voltage Low (LVTTL Inputs)
VIL
——
0.8
V
Input Voltage High (LVTTL Inputs)
VIH
2.0
V
Input Low Current (LVTTL Inputs)
IIL
——
50
A
Input High Current (LVTTL Inputs)
IIH
——
50
A
Internal Pulldowns (LVTTL Inputs)
Ipd
——
50
A
Input Impedance (LVTTL Inputs)
RIN
50
k
Output Voltage Low (LVTTL Outputs)
VOL
IO =0.5 mA
0.4
V
Output Voltage High (LVTTL Outputs)
VOH
IO =0.5 mA
2.0
V
Notes:
1. The Si5321 device provides weak 1.5 V internal biasing that enables ac-coupled operation.
2. Clock inputs may be driven differentially or single-endedly. When driven single-endedly, the unused input should be ac-
coupled to ground.
3. Transmission line termination, when required, must be provided externally.
4. Although the Si5321 device can operate with input clock swings as high as 1500 mVPP, Silicon Laboratories recommends
maintaining the input clock amplitude below 500 mVPP for optimal performance.


Similar Part No. - SI5321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
Silicon Laboratories
SI5321-EVB SILABS-SI5321-EVB Datasheet
1Mb / 18P
   Control input signals are switch configurable
logo
Skyworks Solutions Inc.
SI5321-G-BC SKYWORKS-SI5321-G-BC Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
SI5321-H-BL SKYWORKS-SI5321-H-BL Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
More results

Similar Description - SI5321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
List of Unclassifed Man...
SI5320-EVB ETC1-SI5320-EVB Datasheet
754Kb / 18P
   EVALUATION BOARD FOR Si5320 SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Zarlink Semiconductor I...
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com